Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD9930 Datasheet(PDF) 6 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 6 Page - NEC

Back Button UPD9930 Datasheet HTML 2Page - NEC UPD9930 Datasheet HTML 3Page - NEC UPD9930 Datasheet HTML 4Page - NEC UPD9930 Datasheet HTML 5Page - NEC UPD9930 Datasheet HTML 6Page - NEC UPD9930 Datasheet HTML 7Page - NEC UPD9930 Datasheet HTML 8Page - NEC UPD9930 Datasheet HTML 9Page - NEC UPD9930 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
µPD9930
6
TC2
TC1
Test mode specification
L
L
Normal operation
L
H
Speech encoder test mode
H
L
Speech decoder test mode
H
H
Acoustic device test mode
1. PIN FUNCTIONS
1.1 LIST OF PIN FUNCTIONS
Table 1-1 List of Pin Functions (1/2)
Pin No.
Pin Name
Input/Output
Function
1
MDAT
Input
Microcontroller interface serial input
2
MCLK
Input
Microcontroller interface clock input
3
DRSTB
Input
DAI (Digital Audio Interface) reset input
This is reset at low level. Internally pulled high.
4
DI
Input
DAI serial input
Internally pulled high.
5
DO
Output
DAI serial output
Hi-Z in normal operation (TC1 = TC2 = low level)
6
DCLK
Output
DAI clock output (104 kHz)
Hi-Z in normal operation
7
TC1
Input
8
TC2
Input
9
TIMER
Output
Timer output. Output of rectangular wave synchronized with tone intermittent
pattern.
10
RINGER
Output
Ringer tone output. Output of rectangular wave synchronized with tone fre-
quency.
11
DSPSEL
Input
Selection of DSP interface input/output timing mode.
Connect to VDD or GND. (VDD = mode 1, GND = mode 2)
12
REQB
Input
Input of DSP interface data transmit request signal.
Serial data can be input/output at low level.
13
RESETB
Input
System reset input. This is reset at low level. Initializes all control registers.
Reset when turning power on.
14
FSYNC
Input
Send/receive frame synchronization signal (8 kHz) input
15
DGND
Digital ground. Connect to a digital ground line near
µPD9930 pins.
16
AGND1
Analog ground. Connect to an analog ground line near
µPD9930 pins.
17
AGND2
18
AGND3
19
AGND4
20
MICI+
Input
Microphone amplifier non-inverted input
21
MICI–
Input
Microphone amplifier inverted input
22
MICO
Output
Microphone amplifier output. Connect microphone amplifier gain adjust resistor.
Outputs sidetone signal to REC2I- pin.
23
MIXI
Input
Pre-filter + mixer input
24
XAUXO
Output
Accessory input amplifier output. Connect accessory input amplifier gain adjust
resistor.
DAI mode control
Selection of test mode specified by
GSM11.10 in combination with TC1
and TC2
L: Low level
H: High level
TC1 and TC2 pins are internally pulled down.


Similar Part No. - UPD9930

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD9930 RENESAS-UPD9930 Datasheet
539Kb / 80P
   MOS INTEGRATED CIRCUIT
1996
UPD9930G-22 RENESAS-UPD9930G-22 Datasheet
539Kb / 80P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD9930

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
   Linear codec IC for digital cellular telephones
logo
Asahi Kasei Microsystem...
AK2308LV AKM-AK2308LV_05 Datasheet
423Kb / 31P
   SPEECH CODEC for Digital Key telephone
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
logo
Rohm
BU8731KV ROHM-BU8731KV Datasheet
240Kb / 11P
   PCM codec IC for digital cellular telephones
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
   PCM codec IC for digital cellular telephones
logo
Asahi Kasei Microsystem...
AK2307 AKM-AK2307 Datasheet
457Kb / 39P
   SPEECH CODEC for Digital Key telephone (5.0V/3.3V)
logo
Mitsumi Electronics, Co...
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
   Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
   Interface Connectors for Cellular Telephone
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com