Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXP602 Datasheet(PDF) 2 Page - Level One

Part # LXP602
Description  Low-Jitter Clock Adapters(CLADs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXP602 Datasheet(HTML) 2 Page - Level One

  LXP602 Datasheet HTML 1Page - Level One LXP602 Datasheet HTML 2Page - Level One LXP602 Datasheet HTML 3Page - Level One LXP602 Datasheet HTML 4Page - Level One LXP602 Datasheet HTML 5Page - Level One LXP602 Datasheet HTML 6Page - Level One LXP602 Datasheet HTML 7Page - Level One LXP602 Datasheet HTML 8Page - Level One LXP602 Datasheet HTML 9Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
/;3çíí$ñ /;3çíë DQG /;3çíé /RZð-LWWHU &ORFN $GDSWHUV õ&/$'Vô
çðë
L1
)LJXUH ìã /;7çíí 3LQ $VVLJQPHQWV
7DEOH ìã 3LQ 'HVFULSWLRQV
3LQ ú
6\P
,î2
'HVFULSWLRQ
ì
)62
2
Frame Sync Output. Frame synchronization output at 8 kHz. FSO is synced to CLKO
and to FSI (if FSI is provided).
ë+)2
2
High Frequency Output
ï HFO is used to derive CLKO. HFO can also clock external
devices. HFO is always a multiple of CLKO (CLKO x2, x3, or x4).
Actual frequencies are determined by device, CLKI and CLKO frequencies and Mode
Select (SEL) input, as listed in Table 2.
ê&/.,
,
Clock Input
ï Input clock (1.544, 2.048 or 4.096 MHz) to be converted.
é&/.2
2
Clock Output
ï Output clock (1.544, 2.048 or 4.096 MHz) derived from CLKI.
è
*1'
¤
Ground
ï
ç6(/
,
Mode Select. controls frequency conversion as listed in Table 2.
When SEL = High, higher frequency CLKI (2.048 for LXP600A and LXP602, or 4.096
MHz for LXP604) is converted to 1.544 MHz CLKO.
When SEL = Low, 1.544 MHz CLKI is converted to higher frequency CLKO (2.048 for
LXP600A and LXP602, or 4.096 MHz for LXP604).
æ
FSI
,
Frame Sync Input
ï 8 kHz frame synchronization pulse. Tie High or Low if not used.
å9&&
¤
Power Supply
ï +5 V power supply input.
FSO
+)2
&/.,
&/.2
å
æ
ç
è
ì
ë
ê
é
9&&
FSI
6(/
*1'
/;3çíí$1(ñ
/;3çíë1(ñ
/;3çíé1(


Similar Part No. - LXP602

ManufacturerPart #DatasheetDescription
logo
Level One
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
   Low-Jitter Multi-Rate Clock Adapter(CLAD)
More results

Similar Description - LXP602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
CTS Corporation
643H CTS-643H Datasheet
667Kb / 7P
   Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
   Very Low Jitter HCSL Clock
logo
Texas Instruments
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com