Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

672-290-2210 Datasheet(PDF) 1 Page - Marl International Limited

Part # 672-290-2210
Description  Colour diffused lens with a large LED indication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

672-290-2210 Datasheet(HTML) 1 Page - Marl International Limited

  672-290-2210_15 Datasheet HTML 1Page - Marl International Limited 672-290-2210_15 Datasheet HTML 2Page - Marl International Limited 672-290-2210_15 Datasheet HTML 3Page - Marl International Limited 672-290-2210_15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
672 series
• Ø25.4mm mounting
• Black anodised aluminium housing
• Sealed to IP67
• Colour diffused lens with a large LED indication
• AC versions available
• Pack Quantity = 1 Piece
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
672-290-22
Red
24 Vdc
19
68.2
627
-40 - +85
-40 - +85
A
672-291-22
Yellow
24 Vdc
19
68.2
590
-40 - +85
-40 - +85
A
672-292-22
Green
24 Vdc
19
110
565
-40 - +85
-40 - +85
F
672-290-75
Red
110
19
68.2
627
-40 - +85
-40 - +85
A
672-291-75
Yellow
110
19
68.2
590
-40 - +85
-40 - +85
A
672-292-75
Green
110
10
110
565
-40 - +85
-40 - +85
F
672-289-22
Red
24 Vdc
19
250
660
-40 - +85
-40 - +85
A
672-289-75
Red
110
10
250
660
-40 - +85
-40 - +85
A
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 672 - version 2013-10-28-173551
page 1 of 4


Similar Part No. - 672-290-2210_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
672-290-22 MARL-672-290-22 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
672-290-22 MARL-672-290-22 Datasheet
526Kb / 4P
   high performance panel lamps
672-290-22-15 MARL-672-290-22-15 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
672-290-22_1310 MARL-672-290-22_1310 Datasheet
526Kb / 4P
   high performance panel lamps
More results

Similar Description - 672-290-2210_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-305-04 MARL-103-305-04_15 Datasheet
208Kb / 5P
   Colour diffused lens
534-501-7512 MARL-534-501-7512_15 Datasheet
382Kb / 5P
   Colour diffused lens
611-301-21 MARL-611-301-21_15 Datasheet
450Kb / 5P
   Colour diffused lens
643-503-0412 MARL-643-503-0412_15 Datasheet
401Kb / 4P
   Colour diffused lens
104-505-04 MARL-104-505-04_15 Datasheet
164Kb / 4P
   Colour diffused lens
109-305-04 MARL-109-305-04_15 Datasheet
222Kb / 5P
   Colour diffused lens
110-505-04 MARL-110-505-04_15 Datasheet
161Kb / 4P
   Colour diffused lens
538-501-7512 MARL-538-501-7512_15 Datasheet
395Kb / 5P
   Colour diffused lens
671-290-2212 MARL-671-290-2212_15 Datasheet
374Kb / 4P
   Colour diffused lens
532-102-6307 MARL-532-102-6307_15 Datasheet
256Kb / 4P
   Colour diffused lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com