Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN10H220L-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN10H220L-7
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220L-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN10H220L-7 Datasheet HTML 1Page - Diodes Incorporated DMN10H220L-7 Datasheet HTML 2Page - Diodes Incorporated DMN10H220L-7 Datasheet HTML 3Page - Diodes Incorporated DMN10H220L-7 Datasheet HTML 4Page - Diodes Incorporated DMN10H220L-7 Datasheet HTML 5Page - Diodes Incorporated DMN10H220L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN10H220L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±16
V
Continuous Drain Current (Note 5) VGS = 10V
(Note 6)
TA = +25°C
TA = +70°C
ID
1.6
1.3
A
(Note 5)
TA = +25°C
TA = +70°C
ID
1.4
1.1
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.6
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
8
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
94
°C/W
(Note 5)
177
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 250
μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 100V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
2.5
V
VDS = VGS, ID = 250
μA
Static Drain-Source On-Resistance
RDS (ON)
220
mΩ
VGS = 10V, ID = 1.6A
250
VGS = 4.5V, ID = 1.3A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1.1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
401
pF
VDS = 25V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
22
Reverse Transfer Capacitance
Crss
17
Gate Resistnace
Rg
2.1
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
4.1
nC
VDS = 50V, ID = 1.6A
Total Gate Charge (VGS = 10V)
Qg
8.3
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
tD(on)
6.8
ns
VDS = 50V, VGS = 4.5V,
RG = 6.8
Ω, ID = 1A
Turn-On Rise Time
tr
8.2
Turn-Off Delay Time
tD(off)
7.9
Turn-Off Fall Time
tf
3.6
Reverse Recovery Time
trr
17
ns
IF = 1.1A, di/dt =100A/
μs
Reverse Recovery Charge
Qrr
9.8
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate.
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.
DMN10H220L
Document number: DS36720 Rev. 3 - 2
2 of 6
www.diodes.com
July 2014
© Diodes Incorporated


Similar Part No. - DMN10H220L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H220L-7 DIODES-DMN10H220L-7 Datasheet
306Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN10H220L-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com