Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7314 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # 7314
Description  AC POWER CONTROLLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

7314 Datasheet(HTML) 4 Page - LSI Computer Systems

  7314 Datasheet HTML 1Page - LSI Computer Systems 7314 Datasheet HTML 2Page - LSI Computer Systems 7314 Datasheet HTML 3Page - LSI Computer Systems 7314 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Input Pull-up Resistance:
For LS7315
PL, OFF
RIN
50
100
200
k
-
Output Voltage:
TRIG, HI
VOH
Vss
-
-
V
-
TRIG, LO
VOL
-
Vss - 8
-
V
-
Output Current:
TRIG, Sink
IOS
25
-
-
mA
Vss = +12V
VOL = Vss - 4V
PL Source
IOPL
5
-
-
mA
VOP L= Vss - 1V
DYNAMIC CHARACTERISTICS:
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
SYNC frequency
fS
40
-
70
Hz
-
PL, OFF hold time
TH
50
-
infinite
ms
60Hz SYNC
TH
60
-
infinite
ms
50Hz SYNC
TRIG Pulse Width
Tw
-
1.0
-
ms
60Hz SYNC
Tw
-
1.2
-
ms
50Hz SYNC
MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Storage Temperature
TSTG
-65 to +150
°C
Operating Temperature
TA
0 to +80
°C
DC Supply Voltage
Vss - VDD
+20
V
Any Input Voltage
VIN
Vss - 20 to Vss + 0.5
V
DC ELECTRICAL CHARACTERISTICS:
(TA = 25˚C, all voltages referenced to VDD
)
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Supply Voltage
VSS
+10
+12
+14
V
-
Supply Current
IDD
-
1.2
2
mA
Vss = 12V, outputs off
Input Voltage:
SYNC, LO
VISL
0
-
1/3Vss
V
-
SYNC, HI
VISH
2/3Vss
-
Vss
V
-
All other inputs, LO
VIL
0
-
1/4Vss
V
-
All other inputs, HI
VIH
1/2Vss
-
Vss
V
-
Input Current:
SYNC Input
IH
-
-
110
µA
With Series 1.5M
Resistor to 115VAC
7310-032597-4
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.


Similar Part No. - 7314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7314 STMICROELECTRONICS-7314 Datasheet
111Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
logo
Analog Devices
7314 AD-7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
logo
NIHON DEMPA KOGYO
7314A NDK-7314A Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7314A-ASV71-A NDK-7314A-ASV71-A Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7314A-ASV71-E NDK-7314A-ASV71-E Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
More results

Similar Description - 7314

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7314 LSI-LS7314_03 Datasheet
70Kb / 4P
   AC POWER CONTROLLERS
LS7310 LSI-LS7310_03 Datasheet
65Kb / 4P
   AC POWER CONTROLLERS
LS7310 LSI-LS7310 Datasheet
41Kb / 4P
   AC POWER CONTROLLERS
logo
Nell Semiconductor Co.,...
495PT NELLSEMI-495PT Datasheet
813Kb / 3P
   AC controllers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
logo
Toshiba Semiconductor
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
   Programmable Controllers AC / DC.Input Module Telecommunication
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
   Motor Controllers AC Variable Frequency Drives
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
   Programmable Controllers AC/DC-Input Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com