Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN10H120SFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN10H120SFG
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H120SFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN10H120SFG_15 Datasheet HTML 1Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 2Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 3Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 4Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 5Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN10H120SFG
0
0.03
0.06
0.09
0.12
0.15
0.18
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
V
=V
I = 1A
GS
D
5
V
=V
I = 5A
GS
D
10
1
1.5
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
I = 1mA
D
I = 250µA
D
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
1.5
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
C
iss
Coss
Crss
f = 1MHz
0
2
4
6
8
10
0
2
4
6
8
10
12
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
V
= 50V
I=
A
DS
D
3.3
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
T = 25°C
J(max)
A
Single Pulse
DUT on 1 * MRP Board
P
= 20ms
W
P
= 60ms
W
POWERDI is a registered trademark of Diodes Incorporated
DMN10H120SFG
Document number: DS36250 Rev. 2 - 2
4 of 6
www.diodes.com
August 2014
© Diodes Incorporated


Similar Part No. - DMN10H120SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H120SFG-13 DIODES-DMN10H120SFG-13 Datasheet
247Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN10H120SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H099SFG DIODES-DMN10H099SFG_15 Datasheet
265Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com