Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3430-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3430-1
Description  High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3430-1_15 Datasheet HTML 5Page - Linear Technology LT3430-1_15 Datasheet HTML 6Page - Linear Technology LT3430-1_15 Datasheet HTML 7Page - Linear Technology LT3430-1_15 Datasheet HTML 8Page - Linear Technology LT3430-1_15 Datasheet HTML 9Page - Linear Technology LT3430-1_15 Datasheet HTML 10Page - Linear Technology LT3430-1_15 Datasheet HTML 11Page - Linear Technology LT3430-1_15 Datasheet HTML 12Page - Linear Technology LT3430-1_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3430/LT3430-1
9
34301fa
APPLICATIONS INFORMATION
tion should be used if resistors are increased beyond the
suggested values and short-circuit conditions occur with
high input voltage. High frequency pickup will increase
and the protection accorded by frequency and current
foldback will decrease.
Choosing the Inductor
For most applications, the output inductor will fall into
the range of 5µH to 47µH (10µH to 100µH for LT3430-1).
Lower values are chosen to reduce physical size of the
inductor. Higher values allow more output current because
they reduce peak current seen by the LT3430/LT3430-1
switch, which has a 3A limit. Higher values also reduce
output ripple voltage.
When choosing an inductor you will need to consider
output ripple voltage, maximum load current, peak induc-
tor current and fault current in the inductor. In addition,
other factors such as core and copper losses, allowable
component height, EMI, saturation and cost should also
be considered. The following procedure is suggested
as a way of handling these somewhat complicated and
conflicting requirements.
Output Ripple Voltage
Figure 3 shows a comparison of output ripple voltage for
the LT3430/LT3430-1 using either a tantalum or ceramic
output capacitor. It can be seen from Figure 3 that output
ripple voltage can be significantly reduced by using the
ceramic output capacitor; the significant decrease in out-
put ripple voltage is due to the very low ESR of ceramic
capacitors.
Output ripple voltage is determined by ripple current (ILP-P)
through the inductor and the high frequency impedance of
the output capacitor. At high frequencies, the impedance
of the tantalum capacitor is dominated by its effective
series resistance (ESR).
Tantalum Output Capacitor
The typical method for reducing output ripple voltage
when using a tantalum output capacitor is to increase the
inductor value (to reduce the ripple current in the inductor).
The following equations will help in choosing the required
+ +
1.2V
BUFFER
VSW
L1
VC
GND
TO SYNC CIRCUIT
3430 F02
TO FREQUENCY
SHIFTING
R3
1k
R4
2k
R1
C1
R2
OUTPUT
5V
ERROR
AMPLIFIER
FB
1.4V
Q1
LT3430
Q2
+
Figure 2. Frequency and Current Limit Foldback
Figure 3. LT3430 Output Ripple Voltage Waveforms.
Ceramic vs Tantalum Output Capacitors
VIN = 40V
VOUT = 5V
L = 22
µH
3430 F03
2
µs/DIV
20mV/DIV
VOUT USING
100
µF CERAMIC
OUTPUT
CAPACITOR
VOUT USING
100
µF 0.08
TANTALUM
OUTPUT
CAPACITOR
20mV/DIV


Similar Part No. - LT3430-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results

Similar Description - LT3430-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com