Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA28 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA28
Description  SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZTA28
SURFACE MOUNT
NPN SILICON DARLINGTON
TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA28 type is
a NPN Silicon Darlington Transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high gain.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCES
80
V
Collector-Base Voltage
VCBO
80
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
100
nA
ICES
VCE=60V
500
nA
IEBO
VEB=10V
100
nA
BVCBO
IC=100µA
80
V
BVCES
IC=100µA
80
V
BVEBO
IE=10µA
12
V
VCE(SAT)
IC=10mA, IB=10µA
1.2
V
VCE(SAT)
IC=100mA, IB=100µA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
Cob
VCB=10V, IE=0, f=100kHz
8.0
pF
R3 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl