Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED430-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED430-66-60
Description  High Power LED Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED430-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED430-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED430-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25.04.2012
LED430-66-60
1 of 2
LED430-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
InGaN
LED430-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency InGaN diode chips, mounted on a metal stem TO-66 with AIN ceramics
and covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
(Unit: mm)
Structure:
InGaN, 60 LED chips
Peak Wavelength:
430 nm
Optical Output Power:
550 mW
Package:
TO-66 stem with AIN
Lens:
clear silicone and epoxy resin
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
12.0
W
Forward Current
IF
600
mA
Reverse Voltage
VR
30
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
λ
P
IF = 240 mA
-
430
-
nm
Half Width
Δλ
IF = 240 mA
-
15
-
nm
Total Radiated Power
PO
IF = 400 mA
-
550
-
mW
Radiant Intensity
IE
IF = 400 mA
-
-
-
mW/sr
Brightness
IV
IF = 400 mA
-
-
-
cd
Forward Voltage
VF
IF = 400 mA
-
19.0
-
V
Reverse Voltage
VR
IR = 10 µA
30
-
-
V
Viewing Half Angle
Θ
1/2
IF = 240 mA
-
±60
-
deg.
Total Radiated Power measured by S3584-08.
Heat Sink is required
, to keep the LED at ≤60 °C.
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED430-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED430-02 ROITHNER-LED430-02 Datasheet
237Kb / 3P
   Visible LED
LED430-04A ROITHNER-LED430-04A Datasheet
101Kb / 2P
   Dual LED, 5 mm package
LED430-06 ROITHNER-LED430-06 Datasheet
231Kb / 3P
   Visible LED
LED430-33 ROITHNER-LED430-33 Datasheet
224Kb / 1P
   blue led lamp
More results

Similar Description - LED430-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
   High Power LED Array
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
   High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
   High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
   High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
   High Power LED Array
LED505-66-60 ROITHNER-LED505-66-60 Datasheet
136Kb / 2P
   High Power LED Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com