Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAPD-1-06-17-LCC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LAPD-1-06-17-LCC
Description  InGaAs Large Area Photo-Detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LAPD-1-06-17-LCC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LAPD-1-06-17-LCC Datasheet HTML 1Page - Roithner LaserTechnik GmbH LAPD-1-06-17-LCC Datasheet HTML 2Page - Roithner LaserTechnik GmbH LAPD-1-06-17-LCC Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
08.05.2012
LAPD-1-06-17-LCC
1 of 3
LAPD-1-06-17-LCC
TECHNICAL DATA
InGaAs Large Area Photo-Detector
Features
Applications
• Ø1 mm Active Aperture
• 6LCC package
• High Responsivity (0.6 – 1.7 µm)
• High Reliable Planar Device
• Low Leakage Current
• High Shunt Resistance
• Wide Dynamic Range
• Power Monitoring
• Covert IR Sensing
• Light Detection and Ranging (LIDAR)
• Remote Temperature Sensors
• Spectral Analysis
• Humidity Detection
• Gas Leak Detection
• Optical Powering
Absolute Maximum Ratings
Item
Value
Unit
Min.
Max.
Forward Current
-
20
mA
Reverse Current
-
10
mA
Reverse Voltage
-
-20
V
Operation Temperature Range
-20
+85
°C
Storage Temperature Range
-40
+85
°C
Specifications (25°C)
Item
Value
Unit
Min.
Typ.
Max.
Wavelength Range
0.6 - 1.7
µm
Active Aperture
Ø1
mm
Responsivity (0 V)
650 nm
0.20
0.30
-
A/W
850 nm
0.40
0.50
-
1310 nm
0.80
0.90
-
1550 nm
0.85
0.95
-
Shunt Resistance
25
80
-
M
Ω
Capacitance
0 V
-
150
300
pF
-5 V
-
75
150
Dark Current (-5 V)
-
2
10
nA
Saturation Power (1550 nm, 0 V)
-
-8
-
dBm
D* (1550 nm)
2.5
5
-
10
12 Jones


Similar Part No. - LAPD-1-06-17-LCC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LAPD-1-06-17-CHIP ROITHNER-LAPD-1-06-17-CHIP Datasheet
419Kb / 2P
   Photodiode Chip die
LAPD-1-06-17-TO46 ROITHNER-LAPD-1-06-17-TO46 Datasheet
453Kb / 3P
   InGaAs Large Area Photo-Detector
More results

Similar Description - LAPD-1-06-17-LCC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LAPD-2-06-17-TO39 ROITHNER-LAPD-2-06-17-TO39 Datasheet
459Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-2-06-17-LCC ROITHNER-LAPD-2-06-17-LCC Datasheet
481Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-3-09-17-LCC ROITHNER-LAPD-3-09-17-LCC Datasheet
388Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-1-09-17-LCC ROITHNER-LAPD-1-09-17-LCC Datasheet
472Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-1-06-17-TO46 ROITHNER-LAPD-1-06-17-TO46 Datasheet
453Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-1-09-17-TO46 ROITHNER-LAPD-1-09-17-TO46 Datasheet
453Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-2-09-17-TO39 ROITHNER-LAPD-2-09-17-TO39 Datasheet
459Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-2-09-17-LCC ROITHNER-LAPD-2-09-17-LCC Datasheet
481Kb / 3P
   InGaAs Large Area Photo-Detector
LAPD-3-09-17-TO39 ROITHNER-LAPD-3-09-17-TO39 Datasheet
392Kb / 3P
   InGaAs Large Area Photo-Detector
logo
List of Unclassifed Man...
SU200-01A-TO ETC1-SU200-01A-TO Datasheet
226Kb / 2P
   Large Area InGaAs APDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com