Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS402 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RS402
Description  4.0A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RS402 Datasheet(HTML) 1 Page - Leshan Radio Company

  RS402 Datasheet HTML 1Page - Leshan Radio Company RS402 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
8C–1/2
RS401
RS402
RS403
RS404
RS405
RS406
RS407
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase,half wave,
60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
4.0A
4.0A BRIDGE RECTIFIERS
RS401 – RS407
KBL401 – KBL407
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA=50°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =2.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
VF
VPK
Maximum
Peak
Reverse
Voltage
RS – 4L
4.0
150
10
500
125
1.0
KBL401
KBL402
KBL403
KBL404
KBL405
KBL406
KBL407
50
100
200
400
600
800
1000
Operating
Junction
Temperature
.768(19.5)
.728(18.5)
.580(14.7)
.540(15.7)
.640(16.3)
.600(15.2)
.750
MIN.
.(19.0)
.052(1.3)
.048(1.2)
.083
(2.1)
.256(6.5)
.236(6.0)
.220(5.6)
.180(4.6)
RS – 4L


Similar Part No. - RS402

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS402 DCCOM-RS402 Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
RS402 BILIN-RS402 Datasheet
128Kb / 3P
   Silicon Bridge Rectifiers
RS402 BILIN-RS402 Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS402 ZSELEC-RS402 Datasheet
83Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
RS402 MIC-RS402 Datasheet
105Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - RS402

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RBV401G LRC-RBV401G Datasheet
55Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
   4.0A BRIDGE RECTIFIER
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
   4.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG4KB05 ZSELEC-UG4KB05 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
   4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
   4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
   4.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com