Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC4015SSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC4015SSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4015SSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMC4015SSD_15 Datasheet HTML 1Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 2Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 3Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 4Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 5Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 6Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 7Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 8Page - Diodes Incorporated DMC4015SSD_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DMC4015SSD
Document number: DS37348 Rev. 3 - 2
6 of 9
www.diodes.com
November 2014
© Diodes Incorporated
DMC4015SSD
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 13 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= -5.0V
DS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A
I , DRAIN-SOURCE CURRENT
D
Figure 14 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
5
10
15
20
25
30
V
= -10V
GS
V
= -4.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 15 Typical Transfer Characteristic
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
2
4
6
8
10
12
14
16
18
20
I = -3.0A
D
I , DRAIN CURRENT (A)
D
Figure 16 Typical On-Resistance vs.
Drain Current and Temperature
0.000
0.010
0.020
0.030
0.040
0.050
0
5
10
15
20
25
30
V
= -4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T , JUNCTION TEMPERATURE ( C)
J
Figure 17 On-Resistance Variation with Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
V
= -10V
GS
I = -3A
D
V
= -4.5V
GS
I = -3A
D
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 Typical Output Characteristics
V
= -3.0V
GS
V
= -4.0V
GS
V
= -5.0V
GS
V
= -10V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -3.5V
GS
V
= -4.5V
GS


Similar Part No. - DMC4015SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC4015SSD-13 DIODES-DMC4015SSD-13 Datasheet
573Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
June 2018
More results

Similar Description - DMC4015SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com