Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM8025 Datasheet(PDF) 6 Page - Linear Technology

Part No. LTM8025
Description  36V, 3A Step-Down Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTM8025 Datasheet(HTML) 6 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTM8025
6
8025fc
For more information www.linear.com/LTM8025
8025 G22
LOAD CURRENT (mA)
4.0
6.5
7.5
7.0
6.0
5.5
5.0
4.5
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
Typical perForMance characTerisTics
Input Current vs Input Voltage
Output Shorted
Minimum Input Running Voltage
vs VOUT, IOUT = 3A
Minimum Input Voltage vs Load
Current, 3.3VOUT
Minimum Input Voltage vs Load
Current, 5VOUT
Minimum Input Voltage vs Load
Current, 8VOUT
Minimum Input Voltage vs Load
Current, 12VOUT
Minimum Input Voltage vs Load
Current, 18VOUT
Minimum Input Voltage vs Load
Current, –3.3VOUT
Minimum Input Voltage vs Load
Current, –5VOUT
INPUT VOLTAGE (V)
0
600
500
300
200
100
400
0
8025 G19
20
10
30
OUTPUT VOLTAGE (V)
0 1
40
35
30
20
10
25
15
5
0
14
7
10 11
8025 G20
15
12
9
8
13
5
3
2
6
4
8025 G21
LOAD CURRENT (mA)
3.0
3.5
6.0
5.5
5.0
4.5
4.0
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G25
LOAD CURRENT (mA)
12
32
27
17
22
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G26
LOAD CURRENT (mA)
0
1
2
3
4
5
6
7
10
9
8
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G27
LOAD CURRENT (mA)
0
10
14
12
8
6
4
2
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
TA = 25°C, unless otherwise noted.
8025 G23
LOAD CURRENT (mA)
8.0
10.5
11.0
10.0
9.5
9.0
8.5
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G24
LOAD CURRENT (mA)
12
13
14
15
16
17
18
19
22
21
20
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn