Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM8025 Datasheet(PDF) 5 Page - Linear Technology

Part No. LTM8025
Description  36V, 3A Step-Down Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTM8025 Datasheet(HTML) 5 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTM8025
5
8025fc
For more information www.linear.com/LTM8025
Typical perForMance characTerisTics
Bias Current vs Load Current
8VOUT
Bias Current vs Load Current
12VOUT
Bias Current vs Load Current
18VOUT
Input Current vs Load Current
2.5VOUT
Input Current vs Load Current
3.3VOUT
Input Current vs Load Current
5VOUT
Input Current vs Load Current
8VOUT
Input Current vs Load Current
12VOUT
Input Current vs Load Current
18VOUT
8025 G10
LOAD CURRENT (mA)
0
80
70
60
50
40
20
30
10
0
1000
2000
3000
12VIN
24VIN
8025 G11
LOAD CURRENT (mA)
0
1000
2000
3000
0
70
60
50
40
20
30
10
24VIN
8025 G12
LOAD CURRENT (mA)
0
120
100
80
60
40
20
0
500
1000
1500
24VIN
8025 G13
5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
500
2500
2000
1500
1000
0
1000
2000
3000
8025 G14
5.5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
500
2500
2000
1500
1000
0
1000
2000
3000
8025 G15
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
400
600
800
200
1600
1400
1200
1000
0
1000
2000
3000
8025 G16
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
500
2500
2000
1500
1000
0
1000
2000
3000
8025 G17
16VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
500
3000
2500
2000
1500
1000
0
1000
2000
3000
8025 G18
24VIN
32VIN
LOAD CURRENT (mA)
0
500
3000
2500
2000
1500
1000
0
1000
2000
3000
TA = 25°C, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn