Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM8025 Datasheet(PDF) 4 Page - Linear Technology

Part No. LTM8025
Description  36V, 3A Step-Down Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTM8025 Datasheet(HTML) 4 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTM8025
4
8025fc
For more information www.linear.com/LTM8025
40
80
60
70
100
90
50
0
500
1000 1500 2000 2500 3000
8025 G04
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
Typical perForMance characTerisTics
2.5VOUT Efficiency
3.3VOUT Efficiency
5VOUT Efficiency
8VOUT Efficiency
12VOUT Efficiency
18VOUT Efficiency
Bias Current vs Load Current
2.5VOUT
Bias Current vs Load Current
3.3VOUT
Bias Current vs Load Current
5VOUT
40
80
60
70
100
90
50
0
500
1000 1500 2000 2500 3000
8025 G01
5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000 1500 2000 2500 3000
8025 G02
5.5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000 1500 2000 2500 3000
8025 G03
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000 1500 2000 2500 3000
8025 G05
16VIN
24VIN
32VIN
LOAD CURRENT (mA)
40
80
60
70
100
90
50
0
500
1000 1500 2000 2500 3000
8025 G06
24VIN
32VIN
LOAD CURRENT (mA)
8025 G07
LOAD CURRENT (mA)
0
5
25
20
15
10
0
1000
2000
3000
12VIN
24VIN
8025 G08
LOAD CURRENT (mA)
0
5
30
25
20
15
10
0
1000
2000
3000
12VIN
24VIN
8025 G09
LOAD CURRENT (mA)
0
5
40
35
25
20
30
15
10
0
1000
2000
3000
12VIN
24VIN
TA = 25°C, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn