Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM8025 Datasheet(PDF) 2 Page - Linear Technology

Part No. LTM8025
Description  36V, 3A Step-Down Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTM8025 Datasheet(HTML) 2 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTM8025
2
8025fc
For more information www.linear.com/LTM8025
absoluTe MaxiMuM raTings
VIN, RUN/SS Voltage.................................................36V
ADJ, RT, SHARE Voltage.............................................6V
VOUT, AUX.................................................................25V
PGOOD, SYNC...........................................................30V
(Note 1)
orDer inForMaTion
pin conFiguraTion
GND
1
A
B
C
BANK 1
BANK 2
BANK 3
D
E
F
G
H
J
K
L
2
3
4
LGA PACKAGE
70-PIN (9mm
× 15mm × 4.32mm)
5
6
7
VOUT
VIN
RT
SHARE
PGOOD
ADJ
SYNC
RUN/SS
AUX
BIAS
TJMAX = 125°C, θJA = 24.4°C/W, θJC(BOTTOM) = 11.5°C/W,
θJC(TOP) = 42.7°C/W, θJB = 18.7°C/W
θ VALUES DETERMINED PER JESD51-9, MAX OUTPUT POWER
WEIGHT = 1.8 GRAMS
1
A
B
C
BANK 1
BANK 2
AUX
BIAS
BANK 3
D
E
F
G
H
J
K
L
2
3
VOUT
GND
RT
SHARE
PGOOD
ADJ
SYNC
RUN/SS
VIN
4
BGA PACKAGE
70-PIN (9mm
× 15mm × 4.92mm)
5
6
7
TJMAX = 125°C, θJA = 24.4°C/W, θJC(BOTTOM) = 11.5°C/W,
θJC(TOP) = 42.7°C/W, θJB = 18.7°C/W
θ VALUES DETERMINED PER JESD51-9, MAX OUTPUT POWER
WEIGHT = 1.8 GRAMS
BIAS..........................................................................25V
VIN + BIAS.................................................................56V
Maximum Junction Temperature (Note 2) ............ 125°C
Solder Temperature............................................... 245°C
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM8025EV#PBF
Au (RoHS)
LTM8025V
e4
LGA
3
–40°C to 125°C
LTM8025IV#PBF
Au (RoHS)
LTM8025V
e4
LGA
3
–40°C to 125°C
LTM8025MPV#PBF
Au (RoHS)
LTM8025MPV
e4
LGA
3
–55°C to 125°C
LTM8025EY#PBF
SAC305 (RoHS)
LTM8025Y
e1
BGA
3
–40°C to 125°C
LTM8025IY#PBF
SAC305 (RoHS)
LTM8025Y
e1
BGA
3
–40°C to 125°C
LTM8025IY
SnPb (63/37)
LTM8025Y
e0
BGA
3
–40°C to 125°C
LTM8025MPY#PBF
SAC305 (RoHS)
LTM8025Y
e1
BGA
3
–55°C to 125°C
LTM8025MPY
SnPb (63/37)
LTM8025Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn