Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM8025 Datasheet(PDF) 16 Page - Linear Technology

Part No. LTM8025
Description  36V, 3A Step-Down Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTM8025 Datasheet(HTML) 16 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTM8025
16
8025fc
For more information www.linear.com/LTM8025
Typical applicaTions
8V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA04
LTM8025
VIN*
11V TO 36V
VOUT
8V AT 3A
69.8k
54.9k
4.7µF
47µF
PGOOD
SYNC
AUX
BIAS
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
2.5V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA03
LTM8025
VIN*
4.1V TO 36V
VOUT
2.5V AT 3A
137k
226k
4.7µF
PGOOD
SYNC
AUX
BIAS
3.3V
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
200µF
1.8V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA02
LTM8025
VIN
3.6V TO 24V
VOUT
1.8V AT 3A
147k
383k
10µF
300µF
PGOOD
SYNC
AUX
BIAS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn