Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTM8025 Datasheet(PDF) 7 Page - Linear Technology

Part No. LTM8025
Description  36V, 3A Step-Down Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTM8025 Datasheet(HTML) 7 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTM8025
7
8025fc
For more information www.linear.com/LTM8025
8025 G31
LOAD CURRENT (mA)
0
5
15
10
45
35
30
25
40
20
0
500 1000 1500 2000 2500 3000 3500
5VIN
12VIN
24VIN
32VIN
Typical perForMance characTerisTics
Minimum Input Voltage vs Load
Current, –8VOUT
Minimum Input Voltage vs Load
Current, –12VOUT
Minimum Input Voltage vs
Negative VOUT
Junction Temperature Rise vs
Load Current, 2.5VOUT
Junction Temperature Rise vs
Load Current, 3.3VOUT
Junction Temperature Rise vs
Load Current, 5VOUT
Junction Temperature Rise vs
Load Current, 8VOUT
Junction Temperature Rise vs
Load Current, 12VOUT
Junction Temperature Rise vs
Load Current, 18VOUT
8025 G28
LOAD CURRENT (mA)
0
5
10
15
20
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G29
LOAD CURRENT (mA)
0
25
30
20
15
10
5
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G13
1A
2A
3A
OUTPUT VOLTAGE (V)
0
5
25
20
15
10
0
–5
–10
–15
0
500 1000 1500 2000 2500 3000 3500
8025 G32
0
10
60
50
30
40
20
5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
500 1000 1500 2000 2500 3000 3500
8025 G33
LOAD CURRENT (mA)
0
5
15
10
50
45
35
30
25
40
20
12VIN
24VIN
32VIN
8025 G34
LOAD CURRENT (mA)
0
10
80
70
60
50
30
40
20
0
500 1000 1500 2000 2500 3000 3500
12VIN
24VIN
32VIN
TA = 25°C, unless otherwise noted.
8025 G35
LOAD CURRENT (mA)
0
120
100
80
60
40
20
0
500
1000 1500 2000 2500 3000
16VIN
24VIN
32VIN
8025 G36
LOAD CURRENT (mA)
0
100
80
60
40
20
0
500
1000
1500
2000
24VIN
32VIN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn