Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4619 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 3 Page - Linear Technology

  LTM4619_15 Datasheet HTML 1Page - Linear Technology LTM4619_15 Datasheet HTML 2Page - Linear Technology LTM4619_15 Datasheet HTML 3Page - Linear Technology LTM4619_15 Datasheet HTML 4Page - Linear Technology LTM4619_15 Datasheet HTML 5Page - Linear Technology LTM4619_15 Datasheet HTML 6Page - Linear Technology LTM4619_15 Datasheet HTML 7Page - Linear Technology LTM4619_15 Datasheet HTML 8Page - Linear Technology LTM4619_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTM4619
3
4619fc
For more information www.linear.com/LTM4619
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application in Figure 19.
Specified as each channel. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 10µF, COUT = 100µF, VOUT = 2.5V
VIN = 12V
0.25
A
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT1 = 2.5V, Switching Continuous
VIN = 12V, VOUT2 = 2.5V, Switching Continuous
VIN = 26.5V, VOUT1 = 2.5V, Switching Continuous
VIN = 26.5V, VOUT2 = 2.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 20V
30
30
40
40
40
mA
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 2.5V, IOUT = 4A
VIN = 26.5V, VOUT = 2.5V, IOUT = 4A
0.97
0.480
A
A
INTVCC
Internal VCC Voltage
VIN = 12V, VRUN > 2V, No Load
4.8
5
5.2
V
EXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
Output Specifications
IOUT1, 2(DC)
Output Continuous Current Range VIN = 12V, VOUT = 2.5V (Note 5)
0
4
A
ΔVOUT1(LINE)
VOUT(NOM)
Line Regulation Accuracy
VOUT = 2.5V, VIN from 6V to 26.5V
IOUT = 0A For Each Output
l
0.15
0.25
0.3
0.5
%
%
ΔVOUT2(LINE)
VOUT(NOM)
Line Regulation Accuracy
VOUT = 2.5V, VIN from 6V to 26.5V
IOUT = 0A For Each Output
l
0.15
0.25
0.3
0.5
%
%
ΔVOUT1(LOAD)
VOUT1(NOM)
Load Regulation Accuracy
For Each Output, VOUT = 2.5V, 0A to 4A (Note 5)
VIN = 12V
l
0.6
0.8
±%
ΔVOUT2(LOAD)
VOUT2(NOM)
Load Regulation Accuracy
For Each Output, VOUT = 2.5V, 0A to 4A (Note 5)
VIN = 12V
l
0.6
0.8
±%
VOUT1, 2(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF X5R Ceramic
VIN = 12V, VOUT = 2.5V
VIN = 26.5V, VOUT = 2.5V
20
25
mV
mV
fS
Output Ripple Voltage Frequency
IOUT = 2A, VIN = 12V, VOUT = 2.5V
FREQ/PLLFLTR = INTVCC
780
kHz
ΔVOUTSTART
Turn-On Overshoot
COUT = 100µF X5R Ceramic, VOUT = 2.5V, IOUT = 0A
VIN = 12V
VIN = 26.5V
10
10
mV
mV
tSTART
Turn-On Time
COUT = 100µF X5R Ceramic, VOUT = 2.5V, IOUT = 0A
Resistive Load,
VIN = 12V
VIN = 26.5V
0.250
0.130
ms
ms
ΔVOUTLS
Peak Deviation for Dynamic Load Load: 0% to 50% to 0% of Full Load
COUT = 100µF X5R Ceramic,VOUT = 2.5V, VIN = 12V
15
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load
COUT = 100µF X5R Ceramic,VOUT = 2.5V, VIN = 12V
10
µs
IOUTPK
Output Current Limit
COUT = 100µF X5R Ceramic,
VIN = 6V, VOUT = 2.5V
VIN = 26.5V, VOUT = 2.5V
12
11
A
A
Control Section
VFB1, VFB2
Voltage at VFB Pin
IOUT = 0A, VOUT = 2.5V
l
0.792
0.788
0.8
0.8
0.808
0.810
V
ITK/SS1, 2
Soft-Start Charge Current
VTK/SS = 0V, VOUT = 2.5V
0.9
1.3
1.7
µA
DFMAX
Maximum Duty Factor
In Dropout (Note 4)
97
%
tON(MIN)
Minimum On-Time
(Note 4)
90
ns


Similar Part No. - LTM4619_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619EV LINER-LTM4619EV Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4619EVPBF LINER-LTM4619EVPBF Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4619IV LINER-LTM4619IV Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4619IVPBF LINER-LTM4619IVPBF Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
More results

Similar Description - LTM4619_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
   60V, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
   60V, 4A DC/DC Module Regulator
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com