Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1229UFDB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC1229UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1229UFDB Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC1229UFDB_15 Datasheet HTML 1Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 2Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 3Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 4Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 5Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 6Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 7Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 8Page - Diodes Incorporated DMC1229UFDB_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMC1229UFDB
Document number: DS36128 Rev. 4 - 2
3 of 9
www.diodes.com
September 2013
© Diodes Incorporated
DMC1229UFDB
Electrical Characteristics Q1 N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
12
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1.0
μA
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.4
1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
17
29
mΩ
VGS = 4.5V, ID = 5A
20
34
VGS = 2.5V, ID = 4.6A
24
44
VGS = 1.8V, ID = 4.1A
30
65
VGS = 1.5V, ID = 2A
Forward Transfer Admittance
|Yfs|
6.5
S
VDS = 10V, ID = 5A
Diode Forward Voltage
VSD
0.6
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
914
pF
VDS = 6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
132
pF
Reverse Transfer Capacitance
Crss
119
pF
Gate Resistance
Rg
1.26
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
10.5
nC
VDS = 6V, ID = 6.5A
Total Gate Charge (VGS = 8V)
19.6
nC
Gate-Source Charge
Qgs
1.2
nC
Gate-Drain Charge
Qgd
1.6
nC
Turn-On Delay Time
tD(on)
5.0
ns
VDD = 6V, VGS = 4.5V,
RL = 1.2Ω, RG = 1Ω
Turn-On Rise Time
tr
10.5
ns
Turn-Off Delay Time
tD(off)
16.6
ns
Turn-Off Fall Time
tf
4.1
ns
Electrical Characteristics Q2 P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-12
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1.0
μA
VDS = -12V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.4
-1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
37
61
mΩ
VGS = -4.5V, ID = -3.6A
47
81
VGS = -2.5V, ID = -3.2A
63
115
VGS = -1.8V, ID = -1A
90
170
VGS = -1.5V, ID = -1A
Forward Transfer Admittance
|Yfs|
5.5
S
VDS = -10V, ID = -3.6A
Diode Forward Voltage
VSD
-0.65
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
915
pF
VDS = -6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
225
pF
Reverse Transfer Capacitance
Crss
183
pF
Gate Resistance
Rg
56.9
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
10.7
nC
VDS = -6V, ID = -4.3A
Total Gate Charge (VGS = -8V)
17.9
nC
Gate-Source Charge
Qgs
1.7
nC
Gate-Drain Charge
Qgd
3.0
nC
Turn-On Delay Time
tD(on)
5.7
ns
VDD = -6V, VGS = -4.5V,
RL = 1.6Ω, RG = 1Ω
Turn-On Rise Time
tr
11.5
ns
Turn-Off Delay Time
tD(off)
27.8
ns
Turn-Off Fall Time
tf
26.4
ns
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMC1229UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1229UFDB-13 DIODES-DMC1229UFDB-13 Datasheet
553Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1229UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com