Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1030UFDB Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMC1030UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1030UFDB Datasheet(HTML) 7 Page - Diodes Incorporated

  DMC1030UFDB_15 Datasheet HTML 1Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 2Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 3Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 4Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 5Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 6Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 7Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 8Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMC1030UFDB
Document number: DS36933 Rev.1 - 2
7 of 9
www.diodes.com
April 2014
© Diodes Incorporated
DMC1030UFDB
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 20 Typical Junction Capacitance
DS
10
100
1000
10000
02
4
6
8
10
12
f = 1MHz
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 21 Gate-Charge Characteristics
g
0
5
10
15
20
25
V
= -10V
I= -4.7A
DS
D
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 22 SOA Safe Operation Area
DS
R
Limited
DS(on)
0.01
0.1
1
10
100
0.1
1
10
100
T
= 150°C
T = 25°C
V
= -4.5V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
t1, PULSE DURATION TIMES (sec)
Figure 23 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 159°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
D = 0.9


Similar Part No. - DMC1030UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1030UFDB-13 DIODES-DMC1030UFDB-13 Datasheet
692Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1030UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com