Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6268 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6268
Description  500MHz Ultra-Low Bias Current FET Input Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6268 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6268_15 Datasheet HTML 7Page - Linear Technology LTC6268_15 Datasheet HTML 8Page - Linear Technology LTC6268_15 Datasheet HTML 9Page - Linear Technology LTC6268_15 Datasheet HTML 10Page - Linear Technology LTC6268_15 Datasheet HTML 11Page - Linear Technology LTC6268_15 Datasheet HTML 12Page - Linear Technology LTC6268_15 Datasheet HTML 13Page - Linear Technology LTC6268_15 Datasheet HTML 14Page - Linear Technology LTC6268_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6268/LTC6269
11
62689f
For more information www.linear.com/LTC6268
PIN FUNCTIONS
–IN: Inverting Input of the Amplifier. The voltage range of
this pin is from Vto V+ –0.5V.
+IN: Non-Inverting Input. The voltage range of this pin is
from Vto V+ –0.5V.
V+: Positive Power Supply. Total supply (V+ – V) voltage
is from 3.1V to 5.25V. Split supplies are possible as long
as the total voltage between V+ and Vis between 3.1V and
5.25. A bypass capacitor of 0.1µF should be used between
V+ to ground as close to the pin as possible.
V: Negative Power Supply. Normally tied to ground, it
can also be tied to a voltage other than ground as long
as the voltage difference between V+ and Vis between
3.1V and 5.25V. If it is not connected to ground, bypass
it to ground with a capacitor of 0.1µF as close to the pin
as possible.
SHDN,SDA,SDB:ActiveLowopampshutdown,threshold
is0.75Vabovethenegativesupply,V.Ifleftunconnected,
the amplifier is enabled.
OUT: Amplifier Output.
NC: Not connected. May be used to create a guard ring
around the input to guard against board leakage currents.
See Applications Information section for more details.
V
V+
D7
D6
Q7
Q5
Q6
Q3
Q4
BUFFER
I0
C0
Q1
D4
Q2
D5
OUT
Q9
Q8
–IN
+IN
SD
ESD_D2
ESD_D0
ESD_D1
ESD_D3
INPUT REPLICA
INPUT REPLICA
CMOS INPUT
BUFFER
REFERENCE
GENERATION
COMPLEMENTARY
INPUT STAGE
6268 BD
SIMPLIFIED SCHEMATIC
LTC6268 Simplified Schematic Diagram


Similar Part No. - LTC6268_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6268-10 LINER-LTC6268-10 Datasheet
1Mb / 6P
   3-Channel SOT-23 Transimpedance Amplifier
LTC6268-10 LINER-LTC6268-10 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
logo
Analog Devices
LTC6268-10 AD-LTC6268-10 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
logo
Linear Technology
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
More results

Similar Description - LTC6268_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6269 LINER-LTC6269_15 Datasheet
496Kb / 24P
   500MHz Ultra-Low Bias Current FET Input Op Amp
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
LTC6269-10 LINER-LTC6269-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
[Old version datasheet]   OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com