Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3808 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3808
Description  No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3808 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3808_15 Datasheet HTML 5Page - Linear Technology LTC3808_15 Datasheet HTML 6Page - Linear Technology LTC3808_15 Datasheet HTML 7Page - Linear Technology LTC3808_15 Datasheet HTML 8Page - Linear Technology LTC3808_15 Datasheet HTML 9Page - Linear Technology LTC3808_15 Datasheet HTML 10Page - Linear Technology LTC3808_15 Datasheet HTML 11Page - Linear Technology LTC3808_15 Datasheet HTML 12Page - Linear Technology LTC3808_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC3808
3808f
OPERATIO
Main Control Loop
The LTC3808 uses a constant frequency, current mode
architecture. During normal operation, the top external
P-channel power MOSFET is turned on when the clock
sets the RS latch, and is turned off when the current
comparator (ICMP) resets the latch. The peak inductor
current at which ICMP resets the RS latch is determined by
the voltage on the ITH pin, which is driven by the output of
the error amplifier (EAMP). The VFB pin receives the output
voltage feedback signal from an external resistor divider.
This feedback signal is compared to the internal 0.6V
reference voltage by the EAMP. When the load current
increases, it causes a slight decrease in VFB relative to the
0.6V reference, which in turn causes the ITH voltage to
increase until the average inductor current matches the
new load current. While the top P-channel MOSFET is off,
the bottom N-channel MOSFET is turned on until either the
inductor current starts to reverse, as indicated by the
current reversal comparator IRCMP, or the beginning of
the next cycle.
Shutdown, Soft-Start and Tracking Start-Up
(RUN and TRACK/SS Pins)
The LTC3808 is shut down by pulling the RUN pin low. In
shutdown, all controller functions are disabled and the
chip draws only 9µA. The TG output is held high (off) and
the BG output low (off) in shutdown. Releasing the RUN
pin allows an internal 0.7µA current source to pull up the
RUN pin to VIN. The controller is enabled when the RUN pin
reaches 1.1V.
The start-up of VOUT is based on the three different
connections on the TRACK/SS pin. The start-up of VOUT
is controlled by the LTC3808’s internal soft-start when
TRACK/SS is connected to VIN. During soft-start, the error
amplifier EAMP compares the feedback signal VFB to the
internal soft-start ramp (instead of the 0.6V reference),
which rises linearly from 0V to 0.6V in about 1ms. This
allows the output voltage to rise smoothly from 0V to its
final value while maintaining control of the inductor
current.
The 1ms soft-start time can be changed by connecting the
optional external soft-start capacitor CSS between the
TRACK/SS and GND pins. When the controller is enabled
by releasing the RUN pin, the TRACK/SS pin is charged up
by an internal 1µA current source and rises linearly from
0V to above 0.6V. The error amplifier EAMP compares the
feedback signal VFB to this ramp instead, and regulates VFB
linearly from 0V to 0.6V.
When the voltage on the TRACK/SS pin is less than the
0.6V internal reference, the LTC3808 regulates the VFB
voltage to the TRACK/SS pin instead of the 0.6V reference.
Therefore VOUT of the LTC3808 can track an external
voltage VX during start-up. Typically, a resistor divider on
VX is connected to the TRACK/SS pin to allow the start-up
of VOUT to “track” that of VX. For coincident tracking during
start-up, the regulated final value of VX should be larger
than that of VOUT, and the resistor divider on VX has the
same ratio as the divider on VOUT that is connected to VFB.
See detailed discussions in the Run and Soft-Start/
Tracking Functions in the Applications Information
Section.
Light Load Operation (Burst Mode Operation,
Continuous Conduction or Pulse Skipping Mode)
(SYNC/MODE Pin)
The LTC3808 can be programmed for either high effi-
ciency Burst Mode operation, forced continuous conduc-
tion mode or pulse skipping mode at low load currents. To
select Burst Mode operation, tie the SYNC/MODE pin to
VIN. To select forced continuous operation, tie the SYNC/
MODE pin to a DC voltage below 0.4V (e.g., GND). Tying
the SYNC/MODE to a DC voltage above 0.4V and below
1.2V (e.g., VFB) enables pulse skipping mode. The 0.4V
threshold between forced continuous operation and pulse
skipping mode can be used in secondary winding regula-
tion as described in the Auxiliary Winding Control Using
SYNC/MODE Pin discussion in the Applications Informa-
tion section.
When the LTC3808 is in Burst Mode operation, the peak
current in the inductor is set to approximate one-fourth of
the maximum sense voltage even though the voltage on
the ITH pin indicates a lower value. If the average inductor
current is higher than the load current, the EAMP will
decrease the voltage on the ITH pin. When the ITH voltage
drops below 0.85V, the internal SLEEP signal goes high
and the external MOSFET is turned off.
(Refer to Functional Diagram)


Similar Part No. - LTC3808_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808EDE LINER-LTC3808EDE Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808EGN LINER-LTC3808EGN Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3808_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3823 LINER-LTC3823 Datasheet
308Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com