Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3776 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3776
Description  Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3776 Datasheet(HTML) 1 Page - Linear Technology

  LTC3776_15 Datasheet HTML 1Page - Linear Technology LTC3776_15 Datasheet HTML 2Page - Linear Technology LTC3776_15 Datasheet HTML 3Page - Linear Technology LTC3776_15 Datasheet HTML 4Page - Linear Technology LTC3776_15 Datasheet HTML 5Page - Linear Technology LTC3776_15 Datasheet HTML 6Page - Linear Technology LTC3776_15 Datasheet HTML 7Page - Linear Technology LTC3776_15 Datasheet HTML 8Page - Linear Technology LTC3776_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC3776
3776fa
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst
Mode is a registered trademark of Linear Technology Corporation. No RSENSE is a
trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5481178, 5929620, 6144194,
6580258, 6304066, 6611131, 6498466, patent pending on Spread Spectrum.
Dual 2-Phase, No RSENSE
TM,
Synchronous Controller for
DDR/QDR Memory Termination
High Efficiency, 2-Phase, DDR Memory (VDDQ and VTT) Supplies
No Current Sense Resistors Required
Out-of-Phase Controllers Reduce Required
Input Capacitance
VOUT2 Tracks 1/2 VREF
Symmetrical Source/Sink Output Current
Capability (VOUT2)
Spread Spectrum Operation (When Enabled)
Wide VIN Range: 2.75V to 9.8V
Constant Frequency Current Mode Operation
0.6V
±1.5% Voltage Reference (VOUT1)
Low Dropout Operation: 100% Duty Cycle
True PLL for Frequency Locking or Adjustment
Internal Soft-Start Circuitry
Power Good Output Voltage Monitor
Output Overvoltage Protection
Micropower Shutdown: IQ = 9μA
Tiny Low Profile (4mm
× 4mm) QFN and Narrow
SSOP Packages
The LTC
®3776 is a 2-phase dual output synchronous step-
down switching regulator controller for DDR/QDR memory
termination applications. The second controller regulates
its output voltage to 1/2 VREF while providing symmetrical
source and sink output current capability.
The No RSENSE constant frequency current mode architec-
ture eliminates the need for sense resistors and improves
efficiency. Power loss and noise due to the ESR of the
input capacitance are minimized by operating the two
controllers out of phase.
The switching frequency can be programmed up to 750kHz,
allowing the use of small surface mount inductors and ca-
pacitors. For noise sensitive applications, the LTC3776
switching frequency can be externally synchronized from
250kHz to 850kHz, or can be enabled for spread spectrum
operation. Forced continuous operation reduces noise and
RF interference. Soft-start for VOUT1 is provided internally
and can be extended using an external capacitor.
The LTC3776 is available in the tiny thermally enhanced
(4mm
× 4mm) QFN package or 24-lead SSOP narrow
package.
DDR, DDR II and QDR Memory
SSTL, HSTL Termination Supplies
Servers, RAID Systems
Distributed DC Power Systems
SENSE1+
VIN
LTC3776
SGND
SENSE2+
TG1
TG2
SW1
SW2
BG1
BG2
PGND
PGND
VREF
VFB2
470pF
(VDDQ)VOUT1
2.5V
4A
VOUT2 (VTT)
1.25V
±4A
47
μF
47
μF
15k
2200pF
6.2k
59k
187k
1.5
μH
1.5
μH
ITH1
3776 TA01a
ITH2
10
μF
×2
VIN
3.3V
VFB1
LOAD CURRENT (mA)
100
60
90
80
70
10
100
1000
10000
3776 TA01b
0
50
40
30
20
10
FIGURE 14 CIRCUIT
CHANNEL 2 (VIN = 3.3V)
CHANNEL 1 (VIN = 5V)
CHANNEL 1 (VIN = 3.3V)
CHANNEL 2 (VIN = 5V)
Efficiency vs Load Current
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC3776_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3776EGN LINER-LTC3776EGN Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3776EUF LINER-LTC3776EUF Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
More results

Similar Description - LTC3776_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717 Datasheet
255Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
LTC3736-1 LINER-LTC3736-1_15 Datasheet
534Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com