Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3719 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3719
Description  2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3719 Datasheet(HTML) 3 Page - Linear Technology

  LTC3719_15 Datasheet HTML 1Page - Linear Technology LTC3719_15 Datasheet HTML 2Page - Linear Technology LTC3719_15 Datasheet HTML 3Page - Linear Technology LTC3719_15 Datasheet HTML 4Page - Linear Technology LTC3719_15 Datasheet HTML 5Page - Linear Technology LTC3719_15 Datasheet HTML 6Page - Linear Technology LTC3719_15 Datasheet HTML 7Page - Linear Technology LTC3719_15 Datasheet HTML 8Page - Linear Technology LTC3719_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC3719
sn3719 3719fs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VBIAS = 5V, VRUN/SS = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Input DC Supply Current
(Note 5)
Normal Mode
1.2
mA
Shutdown
VRUN/SS = 0V
20
40
µA
IRUN/SS
Soft-Start Charge Current
VRUN/SS = 1.9V
– 0.5
–1.2
µA
VRUN/SS
RUN/SS Pin ON Threshold
VRUN/SS Rising
1.0
1.5
1.9
V
VRUN/SSLO
RUN/SS Pin Latchoff Arming
VRUN/SS Rising from 3V
4.1
4.5
V
ISCL
RUN/SS Discharge Current
Soft Short Condition VEAIN = 0.5V, VRUN/SS = 4.5V
0.5
2
4
µA
ISDLHO
Shutdown Latch Disable Current
VEAIN = 0.5V
1.6
5
µA
ISENSE
Total Sense Pins Source Current
Each Channel: VSENSE1, 2– = VSENSE1+, 2+ = 0V
– 85
– 60
µA
DFMAX
Maximum Duty Factor
In Dropout
98
99.5
%
Top Gate Transition Time:
(Note 6)
TG1, 2 tr
Rise Time
CLOAD = 3300pF
30
90
ns
TG1, 2 tf
Fall Time
CLOAD = 3300pF
40
90
ns
Bottom Gate Transition Time:
(Note 6)
BG1, 2 tr
Rise Time
CLOAD = 3300pF
30
90
ns
BG1, 2 tf
Fall Time
CLOAD = 3300pF
20
90
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
CLOAD = 3300pF Each Driver (Note 6)
90
ns
Synchronous Switch-On Delay Time
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
CLOAD = 3300pF Each Driver (Note 6)
90
ns
Top Switch-On Delay Time
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 7)
180
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
1.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
80
160
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VLDOHYS
EXTVCC Switchover Hysteresis
ICC = 20mA, EXTVCC Ramping Negative
0.2
V
VID Parameters
VBIAS
Operating Supply Voltage Range
2.7
5.5
V
RATTEN
Resistance Between ATTENIN
10
k
and ATTENOUT Pins
ATTENERR
Resistive Divider Error
q
– 0.35
0.25
%
RPULLUP
VID0 to VID4 Pull-Up Resistance
(Note 8)
40
k
VIDTHLOW
VID0 to VID4 Logic Threshold Low
0.4
V
VIDTHHIGH
VID0 to VID4 Logic Threshold High
1.6
V
VIDLEAK
VID0 to VID4 Leakage
VBIAS < VID0–VID4 < 7V
±1
µA
VNO_CPU
NO_CPU Maximum Output Voltage
INO_CPU = 2mA
0.4
V


Similar Part No. - LTC3719_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3719EG LINER-LTC3719EG Datasheet
451Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
More results

Similar Description - LTC3719_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
LTC3819 LINER-LTC3819_15 Datasheet
393Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for Sun Server CPUs
LTC3819 LINER-LTC3819 Datasheet
383Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for Sun Server CPUs
LTC1706-61 LINER-LTC1706-61 Datasheet
182Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC1706-61 LINER-LTC1706-61_15 Datasheet
187Kb / 8P
   5-Bit VID Voltage Programmer for AMD Opteron CPUs
LTC3735 LINER-LTC3735_15 Datasheet
401Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3735 LINER-LTC3735 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com