Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF1604GS Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SFF1604GS
Description  16 Ampere Insulated Series Connection Super Fast Recovery Half Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF1604GS Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SFF1604GS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF1604GS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
16
8
6
4
10
13
0
0
50
100
150
CASE TEMPERATURE,
oC
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
8.0
80
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
SFF1606GS
SFF1604GS
SFF1608GS
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05
®
SFF1604GS thru SFF1608GS


Similar Part No. - SFF1604GS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1604GS THINKISEMI-SFF1604GS Datasheet
849Kb / 2P
   16.0 Amperes Insulated Series Connection Super Fast Recovery Rectifiers
More results

Similar Description - SFF1604GS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ESAD25M-02S THINKISEMI-ESAD25M-02S Datasheet
256Kb / 2P
   16 Ampere Insulated Series Connection Fast Recovery Half Bridge Rectifiers
SFF1604GA THINKISEMI-SFF1604GA Datasheet
269Kb / 2P
   16 Ampere Insulated Common Anode Super Fast Recovery Half Bridge Rectifier
SFF1604GD THINKISEMI-SFF1604GD Datasheet
270Kb / 2P
   16 Ampere Insulated Tandem Polarity Super Fast Recovery Half Bridge Rectifier
YG225S2 THINKISEMI-YG225S2 Datasheet
669Kb / 2P
   10 Ampere Insulated Series Connection Fast Recovery Half Bridge Rectifiers
ESAD39M-02S THINKISEMI-ESAD39M-02S Datasheet
716Kb / 2P
   10 Ampere Insulated Series Connection Ultra Fast Recovery Half Bridge Rectifiers
ESAD25-02S THINKISEMI-ESAD25-02S Datasheet
249Kb / 2P
   16 Ampere Reverse Series Connection Fast Recovery Half Bridge Rectifiers
ER1602S THINKISEMI-ER1602S Datasheet
330Kb / 2P
   16 Ampere Heatsink Series Connection Fast Recovery Half Bridge Rectifiers
UGF1004GS THINKISEMI-UGF1004GS Datasheet
336Kb / 2P
   10 Ampere Insulated Series Connection Ultra Fast Recovery Half Bridge Rectifiers
ESAD25M-02N THINKISEMI-ESAD25M-02N Datasheet
256Kb / 2P
   16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
ESAD25M-02D THINKISEMI-ESAD25M-02D Datasheet
256Kb / 2P
   16 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com