Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC25D0UVT-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DMC25D0UVT-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC25D0UVT-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DMC25D0UVT-13 Datasheet HTML 3Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 4Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 5Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 6Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 7Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 8Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 9Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 10Page - Diodes Incorporated DMC25D0UVT-13 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DMC25D0UVT
Document number: DS37508 Rev. 3 - 2
10 of 11
www.diodes.com
April 2015
© Diodes Incorporated
DMC25D0UVT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TSOT26
Dim
Min
Max Typ
A

1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
θ1
12°
All Dimensions in mm
Dimensions Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
Y1
C
C
X (6x)
Y (6x)
c
A1
L
E1
E
A2
D
e1
e
6x b
4x 1

L2
A


Similar Part No. - DMC25D0UVT-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC25D0UVT-13 DIODES-DMC25D0UVT-13 Datasheet
466Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2015
More results

Similar Description - DMC25D0UVT-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com