Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC25D0UVT-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMC25D0UVT-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC25D0UVT-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DMC25D0UVT-7 Datasheet HTML 3Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 4Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 5Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 6Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 7Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 8Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 9Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 10Page - Diodes Incorporated DMC25D0UVT-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DMC25D0UVT
Document number: DS37508 Rev. 3 - 2
8 of 11
www.diodes.com
April 2015
© Diodes Incorporated
DMC25D0UVT
0
0.02
0.04
0.06
0.08
0.1
0.12
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 20. On-Resistance Variation with Temperature
V
GS=-10V,
I
D=-3.0A
V
GS=-4.5V,
I
D=-2.0A
0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 21. Gate Theshold Variation vs Junction
Temperature
I
D=-1mA
I
D=-250µA
0
2
4
6
8
10
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 22. Diode Forward Voltage vs Current
V
GS=0V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=125℃
T
A=150℃
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figue 23. Typical Drain-Source Leakge Current vs
Voltage
25℃
85℃
125℃
150℃
10
100
1000
10000
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 24. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
22
Q
g (nC)
Figure 25. Gate Charge
V
DS=-15V, ID=-4A


Similar Part No. - DMC25D0UVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC25D0UVT-7 DIODES-DMC25D0UVT-7 Datasheet
466Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2015
More results

Similar Description - DMC25D0UVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com