Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT600 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STT600
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT600 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STT600 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
STT600
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
90
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
90V
1.4A
708 @ VGS=4.5V
600
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Surface Mount Package.
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
b
A
www.samhop.com.tw
Apr,16,2013
1
Details are subject to change without notice.
TA=25°C
W
PD
°C
-55 to 150
TA=25°C
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
TA=70°C
A
EAS
mJ
Single Pulse Avalanche Energy
d
TA=70°C
W
a
a
0.49
1.4
9.3
3
Green
Product
1.12
1.9
42
°C/W
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Ambient
R JA
a
Ver 3.0
STT SERIES
SO - 223
T
G
S
D
D
S
G
D
e


Similar Part No. - STT600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT60 ETC2-STT60 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT60 SIRECTIFIER-STT60 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Global Corp...
STT60GK SIRECT-STT60GK Datasheet
829Kb / 4P
   Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT60GK08 ETC2-STT60GK08 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT60GK08 SIRECTIFIER-STT60GK08 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT600

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com