Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT600 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STT600
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT600 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STT600 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT600 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ver 3.0
www.samhop.com.tw
Apr,16,2013
SOT-223
E
B
g
e
e1
B
1
2
3
A
B
C
C
D
b
E1
0.10 M C B
0.10 M C B
0.10 M C B
0.080
C
DETAIL "A"
C
A2
A
A1
DETAIL "A"
GAUGE PLANE
SEATING PLANE
C
0.25
L
1.50
1.60
0.76
2.84
6.70
4.60
0.81
6.30
BSC
b1
b2
0.23
0.30
b
3.30
3.50
A1
2.30
A
MOM.
MIN.
0.02
0.66
0.60
0.71
b3
2.90
3.00
g
2.95
7.00
MIN.
MIN.
DIMENSIONS MILLIMETER
1.80
0.10
0.0008
1.70
0.0591
0.84
0.0260
0.79
0.0236
3.10
0.1142
3.05
0.1118
0.06
0.35
0.0090
BSC
7.30
0.2638
3.70
0.1300
0.0906
0.1811
0.0319
10°
SYMBOL
c1
D
c
e1
L
E1
e
E
0.23
0.28
0.33
0.0090
A2
MAX.
MOM.
DIMENSIONS INCHE
0.0709
0.0039
0.0630
0.0669
0.0300
0.0330
0.0280
0.0311
0.1181
0.1220
0.1161
0.1200
0.0020
0.1181
0.1378
0.2560
BSC
0.2760
0.2874
0.1378
0.1457
10°
0.0110
0.0130
COMMON
BSC
6.50
6.70
0.2480
0.2638
C1
(C)
b3
b2
SECTION C-C
C1
(C)
b1
b
SECTION B-B
6
STT600


Similar Part No. - STT600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT60 ETC2-STT60 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT60 SIRECTIFIER-STT60 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Global Corp...
STT60GK SIRECT-STT60GK Datasheet
829Kb / 4P
   Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT60GK08 ETC2-STT60GK08 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT60GK08 SIRECTIFIER-STT60GK08 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT600

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com