Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5373B Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # CMZ5373B
Description  SURFACE MOUNT SILICON HIGH POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5373B Datasheet(HTML) 3 Page - Central Semiconductor Corp

  CMZ5373B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5373B Datasheet HTML 2Page - Central Semiconductor Corp CMZ5373B Datasheet HTML 3Page - Central Semiconductor Corp CMZ5373B Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CMZ5334B THRU CMZ5388B
SURFACE MOUNT SILICON
HIGH POWER ZENER DIODES
5.0 WATT, 3.6 THRU 200 VOLT
±5% TOLERANCE
R14 (9-March 2015)
www.centr a lsemi.com
TYPICAL ELECTRICAL CHARACTERISTICS


Similar Part No. - CMZ5373B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5373B CENTRAL-CMZ5373B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5373B CENTRAL-CMZ5373B Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5373B CENTRAL-CMZ5373B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
More results

Similar Description - CMZ5373B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com