Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5372B Datasheet(PDF) 4 Page - Central Semiconductor Corp

Part # CMZ5372B
Description  SURFACE MOUNT SILICON HIGH POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5372B Datasheet(HTML) 4 Page - Central Semiconductor Corp

  CMZ5372B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5372B Datasheet HTML 2Page - Central Semiconductor Corp CMZ5372B Datasheet HTML 3Page - Central Semiconductor Corp CMZ5372B Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CMZ5334B THRU CMZ5388B
SURFACE MOUNT SILICON
HIGH POWER ZENER DIODES
5.0 WATT, 3.6 THRU 200 VOLT
±5% TOLERANCE
SERVICES
• Bonded Inventory
• Custom Electrical Screening
• Custom Electrical Characteristic Curves
• SPICE Models
• Custom Packaging
• Package Base Options
• Custom Device Development / Multi Discrete Modules (MDM™)
• Bare Die Available for Hybrid Applications
LIMITATIONS AND DAMAGES DISCLAIMER: In no event shall Central be liable for any collateral, indirect,
punitive, incidental, consequential, or exemplary damages in connection with or arising out of a purchase order
or contract or the use of products provided hereunder, regardless of whether Central has been advised of
the possibility of such damages. Excluded damages shall include, but not be restricted to: cost of removal or
reinstallation, rework, ancillary costs to the procurement of substitute products, loss of profits, loss of savings, loss
of use, loss of data, or business interruption. No claim, suit, or action shall be brought against Central more than
two (2) years after the related cause of action has occurred.
In no event shall Central’s aggregate liability from any warranty, indemnity, or other obligation arising out of or in
connection with a purchase order or contract, or any use of any Central product provided hereunder, exceed the
total amount paid to Central for the specific products sold under a purchase order or contract with respect to which
losses or damages are claimed. The existence of more than one (1) claim against the specific products sold to
Buyer under a purchase order or contract shall not enlarge or extend this limit.
Buyer understands and agrees that the foregoing liability limitations are essential elements of a purchase order
or contract and that in the absence of such limitations, the material and economic terms of the purchase order or
contract would be substantially different.
www.centr a lsemi.com
R14 (9-March 2015)


Similar Part No. - CMZ5372B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5372B CENTRAL-CMZ5372B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5372B CENTRAL-CMZ5372B Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5372B CENTRAL-CMZ5372B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
More results

Similar Description - CMZ5372B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com