Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT7090L_15 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT7090L_15
Description  SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZT7090L
SURFACE MOUNT
LOW VCE(SAT) PNP
SILICON POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT7090L is a
Low VCE(SAT) PNP Transistor in a space saving
Power SOT-223 surface mount package, designed for
DC-DC converters for mobile systems and LAN cards,
motor control, power management and strobe flash
units.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
3.0
A
Peak Collector Current
ICM
6.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
ICBO
VCB=30V, TA=100°C
10
µA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
50
V
BVCEO
IC=10mA
40
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=500mA, IB=5.0mA
100
250
mV
VCE(SAT)
IC=1.0A, IB=10mA
175
450
mV
VCE(SAT)
IC=2.0A, IB=50mA
250
750
mV
VBE(SAT)
IC=1.0A, IB=10mA
0.8
1.0
V
hFE
VCE=2.0V, IC=10mA
200
800
hFE
VCE=2.0V, IC=500mA
200
hFE
VCE=2.0V, IC=1.0A
180
hFE
VCE=2.0V, IC=2.0A
125
fT
VCE=5.0V, IC=50mA, f=50MHz
100
MHz
R4 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl