Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ27V Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMOZ27V
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ27V Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ27V Datasheet HTML 1Page - Central Semiconductor Corp CMOZ27V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMOZ2V4 THRU CMOZ43V
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
Ω
μA
V
CMOZ11V
10.45
11
11.55
5.0
20
0.1
8.0
H7
CMOZ12V
11.40
12
12.60
5.0
25
0.1
8.0
H8
CMOZ13V
12.35
13
13.65
5.0
30
0.1
8.0
H9
CMOZ15V
14.25
15
15.75
5.0
30
0.05
10.5
H0
CMOZ16V
15.20
16
16.80
5.0
40
0.05
11.2
J1
CMOZ18V
17.10
18
18.90
5.0
45
0.05
12.6
J2
CMOZ20V
19.00
20
21.00
5.0
55
0.05
14.0
J3
CMOZ22V
20.90
22
23.10
5.0
55
0.05
15.4
J4
CMOZ24V
22.80
24
25.20
5.0
70
0.05
16.8
J5
CMOZ27V
25.65
27
28.35
5.0
80
0.05
18.9
J6
CMOZ30V
28.50
30
31.50
5.0
80
0.05
21.0
J7
CMOZ33V
31.35
33
34.65
5.0
80
0.05
23.1
J8
CMOZ36V
34.20
36
37.80
5.0
90
0.05
25.2
J9
CMOZ39V
37.05
39
40.95
5.0
130
0.05
27.3
J0
CMOZ43V
40.85
43
45.15
5.0
150
0.05
30.1
K1
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
www.centr a lsemi.com
R6 (15-April 2011)


Similar Part No. - CMOZ27V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ27V CENTRAL-CMOZ27V Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ27V CENTRAL-CMOZ27V Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ27VC CENTRAL-CMOZ27VC Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ27VC CENTRAL-CMOZ27VC Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMOZ27V

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com