Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4105 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMHZ4105
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4105 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMHZ4105 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4105 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMHZ4099 THRU CMHZ4125
SURFACE MOUNT
LOW NOISE SILICON ZENER DIODE
6.8 VOLTS THRU 47 VOLTS
500mW, 5% TOLERANCE
SOD-123 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.5V MAX @ IF=100mA (for all types)
LEAD CODE
1) Cathode
2) Anode
TYPE
ZENER
VOLTAGE
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAX REVERSE
LEAKAGE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
MARKING
CODE
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT
MIN
NOM
MAX
V
V
V
μA
Ω
μA
V
mA
μV/ Hz
CMHZ4116
22.80
24
25.20
250
150
0.01
18.3
9.9
40
CJZ
CMHZ4117
23.75
25
26.25
250
150
0.01
19.0
9.5
40
CJY
CMHZ4118
25.65
27
28.35
250
150
0.01
20.5
8.8
40
CKA
CMHZ4119
26.60
28
29.40
250
200
0.01
21.3
8.5
40
CKC
CMHZ4120
28.50
30
31.50
250
200
0.01
22.8
7.9
40
CKD
CMHZ4121
31.35
33
34.65
250
200
0.01
25.1
7.2
40
CKE
CMHZ4122
34.20
36
37.80
250
200
0.01
27.4
6.6
40
CKF
CMHZ4123
37.05
39
40.95
250
200
0.01
29.7
6.1
40
CKH
CMHZ4124
40.85
43
45.15
250
250
0.01
32.7
5.5
40
CKJ
CMHZ4125
44.65
47
49.35
250
250
0.01
35.8
5.1
40
CKL
www.centralsemi.com
R5 (12-August 2010)


Similar Part No. - CMHZ4105

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4105 CENTRAL-CMHZ4105 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4105 CENTRAL-CMHZ4105 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
More results

Similar Description - CMHZ4105

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com