Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDZ5227B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMDZ5227B
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ5227B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMDZ5227B Datasheet HTML 1Page - Central Semiconductor Corp CMDZ5227B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMDZ5221B THRU CMDZ5261B
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM ZENER
VOLTAGE
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
NOM
MAX
I
ZT
ZZT @ IZT ZZK @ IZK
IR @ VR
ΘV
Z
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
CMDZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
XP
CMDZ5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
XQ
CMDZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
XR
CMDZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
XS
CMDZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
XT
CMDZ5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
XU
CMDZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
XV
CMDZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
XX
CMDZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
XY
CMDZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
XZ
CMDZ5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
Y1
CMDZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
Y2
CMDZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
Y3
CMDZ5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
Y4
CMDZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
Y5
CMDZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
Y6
CMDZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
Y7
CMDZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
Y8
CMDZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
Y9
SOD-323 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) CATHODE
2) ANODE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9V MAX @ IF=10mA (FOR ALL TYPES)
www.centr a lsemi.com
R4 (8-January 2010)


Similar Part No. - CMDZ5227B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5227B CENTRAL-CMDZ5227B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5227B CENTRAL-CMDZ5227B Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results

Similar Description - CMDZ5227B

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com