Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT03N20 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STT03N20
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT03N20 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STT03N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. STT03N20 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STT03N20
Ver 1.0
www.samhop.com.tw
Apr,18,2014
3
Tj( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
1.5
1.2
0.9
0.6
0.3
0
0
0.7
4.2
3.5
2.8
2.1
1.4
Tj=125 C
25 C
2.5
2.2
1.9
1.6
1.3
1.0
0
0
100
75
25
50
125
150
V GS =10V
ID=0.35A
V GS =4.5V
ID=0.33A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
0.9
0
0
1
2
3
4
5
6
VGS=3V
VGS=10V
VGS=2.5V
VGS=4.5V
4.2
3.5
2.8
2.1
1.4
0.7
0.01
V GS =4.5V
V GS =10V
-55 C
0.01
0.3
0.6
0.9
1.2
1.5
0.3
0.6
1.2
1.5


Similar Part No. - STT03N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STT03N10 SAMHOP-STT03N10 Datasheet
140Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STT03N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com