Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT03L03 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STT03L03
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT03L03 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STT03L03 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 7Page - SamHop Microelectronics Corp. STT03L03 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STT03L03
Ver 1.0
www.samhop.com.tw
Dec,16,2013
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
100
100
10
1
0.01
0.1
300
250
200
150
100
50
0
10
0
125 C
25 C
ID=1.5A
75 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
25 C
75 C
10
8
6
4
2
0
VDS=15V
ID=1.5A
2
46
8
125 C
0
0.4
0.8
1.2
1.6
2.0 2.4
2.8
3.2
VGS=10V
Single Pulse
TA=25 C
DC
10s
1s
100ms
10m
s
R D
S (O
N)
Li
mi
t
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
110
100
1
10
100
300
VDS=15V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
Tf
Figure 9. Capacitance
VDS, Drain-to Source Voltage(V)
Crss
Coss
180
150
120
90
60
30
0
10
15
20
25
30
0
5
Ciss


Similar Part No. - STT03L03

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STT03L06 SAMHOP-STT03L06 Datasheet
140Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STT03L03

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com