Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3624 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 4 Page - Linear Technology

  LTC3624_15 Datasheet HTML 1Page - Linear Technology LTC3624_15 Datasheet HTML 2Page - Linear Technology LTC3624_15 Datasheet HTML 3Page - Linear Technology LTC3624_15 Datasheet HTML 4Page - Linear Technology LTC3624_15 Datasheet HTML 5Page - Linear Technology LTC3624_15 Datasheet HTML 6Page - Linear Technology LTC3624_15 Datasheet HTML 7Page - Linear Technology LTC3624_15 Datasheet HTML 8Page - Linear Technology LTC3624_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3624/LTC3624-2
4
36242fc
For more information www.linear.com/LTC3624
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C. (Note 2) VIN = 12V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3624/LTC3624-2 is tested under pulsed load conditions
such that TJ ≈ TA. The LTC3624E/LTC3624E-2 is guaranteed to meet
specifications from 0°C to 85°C junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC3624I/LTC3624I-2 is guaranteed over the –40°C to 125°C
operating junction temperature range and the LTC3624H is guaranteed
over the –40°C to 150°C operating junction temperature range. High
junction temperatures degrade operating lifetimes; operation lifetime is
decreased for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors. TJ is calculated from the ambient, TA, and power dissipation, PD,
according to the following formula:
TJ = TA + (PD • θJA)
Note 3: The quiescent current in forced continuous mode does not include
switching loss of the power FETs.
Note 4: The LTC3624 is tested in a proprietary test mode that servos FB to
the output of the error amplifier.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when overtemperature
protection is active Continuous operation above the specified maximum
operating junction temperature may impair device reliability. The
overtemperature protection level is not production tested but guaranteed
by design.
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VMODE/SYNC Pulse-Skipping Mode
Burst Mode Operation
Forced Continuous Mode
VINTVCC – 0.4
1.0
0.3
VINTVCC – 1.2
V
V
V
IMODE/SYNC
MODE/SYNC Input Current
0
100
nA
tSS
Internal Soft-Start Time
1
ms
ILIM
Peak Current Limit
VIN > 5V (E-, I-Grade)
VIN > 5V (H-Grade)
l
l
2.4
2.3
3
3.6
A
A
IFB
FB Input Current
10
nA
IFB(VOUT)
Feedback Input Leakage Current
Fixed Output Versions
2
10
µA
VUVLO
VINTVCC Undervoltage Lockout
VIN Ramping Up
2.4
2.6
2.7
V
VUVLO(HYS)
VINTVCC Undervoltage Lockout Hysteresis
175
mV
VOVLO
VIN Overvoltage Lockout Rising
l
18
19
20
V
VOVLO(HYS)
VIN Overvoltage Lockout Hysteresis
500
mV
fOSC
Oscillator Frequency
LTC3624/LTC3624-3.3/LTC3624-5
(E-, I-Grade)
(H-Grade)
l
l
0.92
0.82
0.78
1.00
1.08
1.16
MHz
MHz
MHz
LTC3624-2/LTC3624-23.3/LTC3624-25
(E-, I-Grade)
(H-Grade)
l
l
2.05
1.8
1.7
2.25
2.45
2.6
MHz
MHz
MHz
fSYNC
SYNC Capture Range
LTC3624/LTC3624-3.3/LTC3624-5
50
150
%
LTC3624-2/LTC3624-23.3/LTC3624-25
50
140
%
VINTVCC
VINTVCC LDO Output Voltage
VIN > 4V
3.2
3.6
4.0
V
ΔVPGOOD
Power Good Range
LTC3624/LTC3624-2
±7.5
±11.5
%
LTC3624-3.3/LTC3624-5/LTC3624-23.3/
LTC3624-25
±7.5
±13
%
RPGOOD
Power Good Resistance
280
350
Ω
tPGOOD
PGOOD Delay
PGOOD Low to High
PGOOD High to Low
0
32
Cycles
Cycles


Similar Part No. - LTC3624_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624-2 LINER-LTC3624-2 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Analog Devices
LTC3624-2 AD-LTC3624-2 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624EDD LINER-LTC3624EDD Datasheet
470Kb / 8P
   High Efficiency Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3624_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
   17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com