Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3550 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3550
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3550_15 Datasheet HTML 4Page - Linear Technology LTC3550_15 Datasheet HTML 5Page - Linear Technology LTC3550_15 Datasheet HTML 6Page - Linear Technology LTC3550_15 Datasheet HTML 7Page - Linear Technology LTC3550_15 Datasheet HTML 8Page - Linear Technology LTC3550_15 Datasheet HTML 9Page - Linear Technology LTC3550_15 Datasheet HTML 10Page - Linear Technology LTC3550_15 Datasheet HTML 11Page - Linear Technology LTC3550_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3550
8
3550fa
TEMPERATURE (
°C)
–50
0.4
0.5
0.7
25
75
3550 G32
0.3
0.2
–25
0
50
100
125
0.1
0
0.6
MAIN SWITCH
SYNCHRONOUS SWITCH
VCC = 2.7V
VCC = 3.6V
VCC = 4.2V
VCC (V)
1
0
0.4
0.5
0.7
46
3550 G31
0.3
0.2
23
57
0.1
0
0.6
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (
°C)
–50
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
25
75
–25
0
50
100
125
VCC = 3.6V
3550 G28
Oscillator Frequency
vs Temperature
Buck Regulator Supply
Current vs VCC
Buck Regulator Supply Current
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Oscillator Frequency vs VCC
VCC (V)
2
1.8
1.7
1.6
1.5
1.4
1.3
1.2
34
5
6
3550 G29
Buck Regulator Output Voltage
vs Load Current
LOAD CURRENT (mA)
0
200 300 400 500 600 700 800
1.844
1.834
1.824
1.814
1.804
1.794
1.784
1.774
3550 G30
100
900
VCC = 3.6V
RDS(ON) vs VCC
Buck Regulator Switches RDS(0N)
vs Temperature
VCC (V)
2
0
5
15
20
25
50
35
3
4
3550 G33
10
40
45
30
5
6
VOUT = 1.875V
ILOAD = 0A
TEMPERATURE (
°C)
–50
0
5
15
20
25
50
35
0
50
75
3550 G34
10
40
45
30
–25
25
100
125
VCC = 3.6V
VOUT = 1.875V
ILOAD = 0A
Buck Regulator Reference
Voltage vs Temperature
Buck Regulator Efficiency
vs Output Current
OUTPUT CURRENT (mA)
70
80
85
95
100
0.1
10
100
1000
3550 G26
60
1
90
75
65
VOUT = 2.5V
VCC = 2.7V
VCC = 4.2V
VCC = 3.6V
TEMPERATURE (
°C)
–50
0.614
0.609
0.604
0.599
0.594
0.589
0.584
25
75
–25
0
50
100
125
VCC = 3.6V
3550 G27


Similar Part No. - LTC3550_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results

Similar Description - LTC3550_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550 Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
   Dual USB/wall adapter Li-ion battery charger with gas gauge
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com