Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3388-3 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3388-3
Description  20V High Efficiency Nanopower Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3388-3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3388-3_15 Datasheet HTML 5Page - Linear Technology LTC3388-3_15 Datasheet HTML 6Page - Linear Technology LTC3388-3_15 Datasheet HTML 7Page - Linear Technology LTC3388-3_15 Datasheet HTML 8Page - Linear Technology LTC3388-3_15 Datasheet HTML 9Page - Linear Technology LTC3388-3_15 Datasheet HTML 10Page - Linear Technology LTC3388-3_15 Datasheet HTML 11Page - Linear Technology LTC3388-3_15 Datasheet HTML 12Page - Linear Technology LTC3388-3_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3388-1/LTC3388-3
9
338813f
PIN FUNCTIONS
EN (Pin 1): Enable Input. Logic level input referenced to
VIN2. A logic high on EN will enable the buck converter.
Driving EN to VIN2 will result in no additional quiescent
current on VIN. However, if EN is driven near VIH or VIL
40nA of additional quiescent current can appear on VIN.
STBY (Pin 2): Standby Input. Logic level input referenced
to VIN2. A logic high on STBY will place the part in standby
mode. Driving STBY to VIN2 will result in no additional
quiescent current on VIN. However, if STBY is driven near
VIH or VIL 40nA of additional quiescent current can ap-
pear on VIN.
CAP (Pin 3): Internal rail referenced to VIN to serve as gate
drive for buck PMOS switch. A 1μF capacitor should be
connected between CAP and VIN. This pin is not intended
for use as an external system rail.
VIN (Pin 4): Input Voltage. A 2.2μF or larger capacitor
should be connected from VIN to GND.
SW (Pin 5): Switch Pin for the Buck Switching Regulator.
A 22μH or larger inductor should be connected from SW
to VOUT.
VOUT (Pin 6): Sense pin used to monitor the output volt-
age and adjust it through internal feedback.
VIN2 (Pin 7): Internal low voltage rail to serve as gate drive
for buck NMOS switch. Also serves as a logic high rail for
output voltage select bits D0 and D1. A 4.7μF capacitor
should be connected from VIN2 to GND. This pin is not
intended for use as an external system rail.
D1 (Pin 8): Output Voltage Select Bit. D1 should be tied
high to VIN2 or low to GND to select desired VOUT (see
Table 1).
D0 (Pin 9): Output Voltage Select Bit. D0 should be tied
high to VIN2 or low to GND to select desired VOUT (see
Table 1).
PGOOD (Pin 10): Power Good Open-Drain NMOS Output.
The PGOOD pin is Hi-Z when VOUT is above 92% of the
target value.
GND (Exposed Pad Pin 11): Ground. The exposed pad
should be connected to a continuous ground plane on the
second layer of the printed circuit board by several vias
directly under the LTC3388-1/LTC3388-3.


Similar Part No. - LTC3388-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3388-3 LINER-LTC3388-3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3388-3 LINER-LTC3388-3 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3388-3 LINER-LTC3388-3 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
logo
Linear Integrated Syste...
LTC3388-3 LINEAR-LTC3388-3 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3388-3 LINEAR-LTC3388-3 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
More results

Similar Description - LTC3388-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3388-1 LINER-LTC3388-1_15 Datasheet
293Kb / 20P
   20V High Efficiency Nanopower Step-Down Regulator
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
   Fast, High Efficiency Step-Down Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
   High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC3638 LINER-LTC3638_15 Datasheet
614Kb / 26P
   High Efficiency, 140V 250mA Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com