Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2391-16 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2391-16
Description  16-Bit, 250ksps SAR ADC with 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2391-16 Datasheet(HTML) 4 Page - Linear Technology

  LTC2391-16_15 Datasheet HTML 1Page - Linear Technology LTC2391-16_15 Datasheet HTML 2Page - Linear Technology LTC2391-16_15 Datasheet HTML 3Page - Linear Technology LTC2391-16_15 Datasheet HTML 4Page - Linear Technology LTC2391-16_15 Datasheet HTML 5Page - Linear Technology LTC2391-16_15 Datasheet HTML 6Page - Linear Technology LTC2391-16_15 Datasheet HTML 7Page - Linear Technology LTC2391-16_15 Datasheet HTML 8Page - Linear Technology LTC2391-16_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2391-16
4
239116fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
4.076
4.096
4.116
V
VREF Output Tempco
IOUT = 0 (I-, H-Grades) (Note 11)
l
±10
±20
ppm/°C
VREF Output Impedance
–0.1mA ≤ IOUT ≤ 0.1mA
2.6
External Reference Voltage
2.5
4.096
AVP – 0.5
V
REFIN Input Impedance
85
VREF Line Regulation
AVP = 4.75V to 5.25V
0.3
mV/V
VCM Output Voltage
IOUT = 0
2.08
V
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l 0.8 • OVP
V
VIL
Low Level Input Voltage
l
0.5
V
IIN
Digital Input Current
VIN = 0V to OVP
l
–10
10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
IO = –500μA
l OVP – 0.2
V
VOL
Low Level Output Voltage
IO = 500μA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVP
l
–10
10
μA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVP
10
mA
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VAVP, VDVP
Supply Voltage
l
4.75
5
5.25
V
VOVP
Supply Voltage
1.71
5.25
V
IDD
Supply Current
Power Down Mode
250ksps Sample Rate with Nap Mode
Conversion Done and All Digital Inputs Tied to OVP
l
l
19
35
25
250
mA
μA
PD
Power Dissipation
Power Down Mode
250ksps Sample Rate with Nap Mode
Conversion Done and All Digital Inputs Tied to OVP
95
175
125
1250
mW
μW
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2391-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2391-16 LINER-LTC2391-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC2391-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com