Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2378-18 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2378-18
Description  18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2378-18 Datasheet(HTML) 1 Page - Linear Technology

  LTC2378-18_15 Datasheet HTML 1Page - Linear Technology LTC2378-18_15 Datasheet HTML 2Page - Linear Technology LTC2378-18_15 Datasheet HTML 3Page - Linear Technology LTC2378-18_15 Datasheet HTML 4Page - Linear Technology LTC2378-18_15 Datasheet HTML 5Page - Linear Technology LTC2378-18_15 Datasheet HTML 6Page - Linear Technology LTC2378-18_15 Datasheet HTML 7Page - Linear Technology LTC2378-18_15 Datasheet HTML 8Page - Linear Technology LTC2378-18_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2378-18
1
237818f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
18-Bit, 1Msps, Low Power
SAR ADC with 102dB SNR
The LTC®2378-18 is a low noise, low power, high speed
18-bit successive approximation register (SAR) ADC. Op-
erating from a 2.5V supply, the LTC2378-18 has a ±VREF
fully differential input range with VREF ranging from 2.5V
to 5.1V. The LTC2378-18 consumes only 13.5mW and
achieves ±1.75LSB INL maximum, no missing codes at
18 bits with 102dB SNR.
The LTC2378-18 has a high speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3.3V and 5V logic while
also featuring a daisy-chain mode. The fast 1Msps through-
put with no cycle latency makes the LTC2378-18 ideally
suited for a wide variety of high speed applications. An
internal oscillator sets the conversion time, easing external
timing considerations. The LTC2378-18 automatically pow-
ers down between conversions, leading to reduced power
dissipation that scales with the sampling rate.
The LTC2378-18 features a unique digital gain compres-
sion (DGC) function, which eliminates the driver amplifier’s
negative supply while preserving the full resolution of the
ADC. When enabled, the ADC performs a digital scaling
function that maps zero-scale code from 0V to 0.1 • VREF
and full-scale code from VREF to 0.9 • VREF. For a typical
reference voltage of 5V, the full-scale input range is now
0.5V to 4.5V, which provides adequate headroom for
powering the driving amplifier from a single 5.5V supply.
32k Point FFT fS = 1Msps, fIN = 2kHz
APPLICATIONS
n 1Msps Throughput Rate
n ±1.75LSB INL (Max)
n Guaranteed 18-Bit No Missing Codes
n Low Power: 13.5mW at 1Msps, 13.5μW at 1ksps
n 102dB SNR (typ) at fIN = 2kHz
n –124dB THD (typ) at fIN = 2kHz
n Digital Gain Compression (DGC)
n Guaranteed Operation to 125°C
n 2.5V Supply
n Fully Differential Input Range ±VREF
n VREF Input Range from 2.5V to 5.1V
n No Pipeline Delay, No Cycle Latency
n 1.8V to 5V I/O Voltages
n SPI-Compatible Serial I/O with Daisy-Chain Mode
n Internal Conversion Clock
n 16-Lead MSOP and 4mm
× 3mm DFN Packages
n Medical Imaging
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Industrial Process Control
n Low Power Battery-Operated Instrumentation
n ATE
FREQUENCY (kHz)
0
100
200
300
500
400
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
237818 TA02
SNR = 102.3dB
THD = –124dB
SINAD = 102.2dB
SFDR = 126dB
20Ω
VREF
0V
VREF
0V
20Ω
3300pF
6800pF
6800pF
+
VREF
SAMPLE CLOCK
237818 TA01
10μF
0.1μF
2.5V
REF
1.8V TO 5V
2.5V TO 5.1V
47μF
(X5R, 0805 SIZE)
REF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
REF/DGC
LTC2378-18
VDD
OVDD
IN+
IN
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LTC2378-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-18 LINER-LTC2378-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2378-18 LINER-LTC2378-18 Datasheet
3Mb / 40P
   Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2378-18 LINER-LTC2378-18 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2378-18 LINER-LTC2378-18 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2378-18 LINER-LTC2378-18 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
More results

Similar Description - LTC2378-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com