Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222AWT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBT2222AWT1
Description  Preliminary Information General Purpose Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT2222AWT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBT2222AWT1 Datasheet HTML 1Page - Leshan Radio Company MMBT2222AWT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
K1–1/2
Preliminary Information
General Purpose Transistors
NPN Silicon
These transistors are designed for general
purpose amplifier applications. They are
housed in the SOT–323/SC–70 package which
is designed for low power surface mount
applications.
2
EMITTER
3
COLLECTOR
1
BASE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V
CEO
40
Vdc
Collector–Base Voltage
V
CBO
75
Vdc
Emitter–Base Voltage
V
EBO
6.0
Vdc
Collector Current — Continuous
I
C
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board,
P
D
150
mW
T
A = 25°C
Thermal Resistance Junction to Ambient
Rθ
JA
833
°C/W
Junction and Storage Temperature
T
J , Tstg
–55 to +150
°C
DEVICE MARKING
MMBT2222AWT1 = 1P
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (1)
V
(BR)CEO
40
Vdc
(I
C = 1.0 mAdc, I B = 0)
Collector–Base Breakdown Voltage
V
(BR)CBO
75
Vdc
(I
C = 10 µAdc, I E = 0)
Emitter–Base Breakdown Voltage
V
(BR)EBO
6.0
Vdc
(I
E = 10 µAdc, I C = 0)
Base Cutoff Current
I
BL
20
nAdc
(V
CE = 60 Vdc, V EB = 3.0 Vdc)
Collector Cutoff Current
I
CEX
10
nAdc
(V
CE
= 60 Vdc, V
EB
= 3.0 Vdc)
1. Pulse Test: Pulse Width<300
µs, Duty Cycle<2.0%.
1
3
2
CASE 419–02, STYLE 3
SOT–323 /SC – 70
MMBT2222AWT1


Similar Part No. - MMBT2222AWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2222AWT1 MOTOROLA-MMBT2222AWT1 Datasheet
72Kb / 4P
   General Purpose Transistor
logo
ON Semiconductor
MMBT2222AWT1 ONSEMI-MMBT2222AWT1 Datasheet
83Kb / 6P
   General Purpose Transistor NPN Silicon
January, 2006 ??Rev. 4
MMBT2222AWT1 ONSEMI-MMBT2222AWT1 Datasheet
126Kb / 6P
   General Purpose Transistor
October, 2010 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBT2222AWT1 WILLAS-MMBT2222AWT1 Datasheet
295Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2222AWT1G ONSEMI-MMBT2222AWT1G Datasheet
83Kb / 6P
   General Purpose Transistor NPN Silicon
January, 2006 ??Rev. 4
More results

Similar Description - MMBT2222AWT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com