Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT953_15 Datasheet(PDF) 6 Page - Diodes Incorporated

Part No. FZT953_15
Description  100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 6 page
background image
FZT953
Datasheet Number: DS35942 Rev. 4 - 2
6 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT953
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
A1
A
D
b
e
e1
b1
C
E1
L
-10
°
Q
E
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl