Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2360 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2360
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2360_15 Datasheet HTML 10Page - Linear Technology LTC2360_15 Datasheet HTML 11Page - Linear Technology LTC2360_15 Datasheet HTML 12Page - Linear Technology LTC2360_15 Datasheet HTML 13Page - Linear Technology LTC2360_15 Datasheet HTML 14Page - Linear Technology LTC2360_15 Datasheet HTML 15Page - Linear Technology LTC2360_15 Datasheet HTML 16Page - Linear Technology LTC2360_15 Datasheet HTML 17Page - Linear Technology LTC2360_15 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2360/LTC2361/LTC2362
14
236012fa
APPLICATIONS INFORMATION
OVERVIEW
The LTC2360/LTC2361/LTC2362 use a successive ap-
proximation algorithm and internal sample-and-hold circuit
to convert an analog signal to a 12-bit serial output. All
devices operate from a single 2.35V to 3.6V supply. The
conversion time of the devices is controlled by an internal
oscillator, which allows the LTC2360/LTC2361/LTC2362
to sample at a rate of 100ksps, 250ksps and 500ksps
respectively.
The LTC2360/LTC2361/LTC2362 contain a 12-bit, switched-
capacitor ADC, a sample-and-hold, a serial interface (see
Block Diagram) and are available in tiny 6- or 8-lead
TSOT-23 packages.
The S6 package of the LTC2360/LTC2361/LTC2362 uses
VDD as the reference and has an analog input range of 0V
to VDD. The ADC samples the analog input with respect to
GND and outputs the result through the serial interface.
The TS8 package provides two additional pins: a reference
pin, VREF, and an output supply pin, OVDD. The ADC can
operate with reduced spans down to 1.4V and achieve
342μV resolution. OVDD controls the output swing of the
digital output pin, SDO, and allows the device to com-
municate with 1.8V, 2.5V or 3V digital systems.
SERIAL INTERFACE
The LTC2360/LTC2361/LTC2362 communicate with micro-
controllers, DSPs and other external circuitry via a 3-wire
interface. Figure 10 shows the operating sequence of the
serial interface.
Data Transfer
A rising CONV edge starts a conversion and disables SDO.
After the conversion, the ADC automatically goes into sleep
mode, drawing only leakage current.
CONV going low enables SDO and clocks out the MSB bit,
B11. SCK then synchronizes the data transfer with each
bit being transmitted on the falling SCK edge and can be
captured on the rising SCK edge. After completing the
data transfer, if further SCK clocks are applied with CONV
low, SDO will output zeros indefinitely (see Figure 10). For
example, 16-clocks at SCK will produce the 12-bit data
and four trailing zeros on SDO.
SLEEP MODE
The LTC2360/LTC2361/LTC2362 enter sleep mode to save
power after each conversion if CONV remains high. In sleep
mode, all bias currents are shut down and only leakage
currents remain (about 0.1μA). The sample-and-hold is
in hold mode while the ADC is in sleep mode. The ADC
returns to sample mode after the falling edge of CONV
during power-up (see Figure 10).
Exiting Sleep Mode and Power-Up Time
By taking CONV low, the ADC powers up and acquires an
input signal completely after the aquisition time (tACQ).
After tACQ, the ADC can perform a conversion as described
in the Serial Interface section (see Figure 10).
1
RECOMMENDED HIGH OR LOW
Hi-Z STATE
234
t6
t5
t4
t7
t8
236012 F10
t3
910
11
12
B11
(MSB)
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE
APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
BY TAKING CONV LOW, THE DEVICE POWERS UP
AND ACQUIRES AN INPUT ACCURATELY AFTER tACQ
SLEEP MODE
tCONV
CONV
SCK
SDO
t1
tACQ
tTHROUGHPUT
t2
B10
B9
B3
B2
B1
B0*
Figure 10. LTC2360/LTC2361/LTC2362 Serial Interface Timing Diagram


Similar Part No. - LTC2360_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360CS6-TRMPBF LINER-LTC2360CS6-TRMPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360CS6-TRPBF LINER-LTC2360CS6-TRPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360CTS8-TRMPBF LINER-LTC2360CTS8-TRMPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360CTS8-TRPBF LINER-LTC2360CTS8-TRPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360HS6-TRMPBF LINER-LTC2360HS6-TRMPBF Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360 Datasheet
327Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com