Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2321-16 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2321-16
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321-16 Datasheet(HTML) 1 Page - Linear Technology

  LTC2321-16_15 Datasheet HTML 1Page - Linear Technology LTC2321-16_15 Datasheet HTML 2Page - Linear Technology LTC2321-16_15 Datasheet HTML 3Page - Linear Technology LTC2321-16_15 Datasheet HTML 4Page - Linear Technology LTC2321-16_15 Datasheet HTML 5Page - Linear Technology LTC2321-16_15 Datasheet HTML 6Page - Linear Technology LTC2321-16_15 Datasheet HTML 7Page - Linear Technology LTC2321-16_15 Datasheet HTML 8Page - Linear Technology LTC2321-16_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC2321-16
1
232116fa
For more information www.linear.com/LTC2321-16
Typical applicaTion
FeaTures
DescripTion
Dual, 16-Bit, 2Msps
Differential Input ADC with Wide
Input Common Mode Range
The LTC®2321-16 is a low noise, high speed dual 16-
bit successive approximation register (SAR) ADC with
differential inputs and wide input common mode range.
Operatingfromasingle3.3Vor5Vsupply,theLTC2321-16
has an 8VP-P differential input range, making it ideal for
applications which require a wide dynamic range with high
commonmoderejection.TheLTC2321-16achieves±4LSB
INL typical, no missing codes at 16 bits and 81dB SNR.
TheLTC2321-16hasanonboardlowdrift(20ppm/°Cmax)
2.048V or 4.096V temperature-compensated reference.
The LTC2321-16 also has a high speed SPI-compatible
serial interface that supports CMOS or LVDS. The fast
2Msps per channel throughput with no cycle latency
makes the LTC2321-16 ideally suited for a wide variety of
high speed applications. The LTC2321-16 dissipates only
31mW per channel and offers nap and sleep modes to
reduce the power consumption to 5μW for further power
savings during inactive periods.
32k Point FFT fS = 2Msps, fIN = 500kHz
applicaTions
n
2Msps Throughput Rate
n
±4LSB INL (Typ)
n
Guaranteed 16-Bit, No Missing Codes
n
8VP-P Differential Inputs with Wide Input Common
Mode Range
n
81dB SNR (Typ) at fIN = 500kHz
n
–90dB THD (Typ) at fIN = 500kHz
n
No Cycle Latency
n
Guaranteed Operation to 125°C
n
Single 3.3V or 5V Supply
n
Low Drift (20ppm/°C Max) 2.048V or 4.096V Internal
Reference
n
1.8V to 2.5V I/O Voltages
n
CMOS or LVDS SPI-Compatible Serial I/O
n
Power Dissipation 31mW/Ch (Typ)
n
Small 28-Lead (4mm × 5mm) QFN Package
n
High Speed Data Acquisition Systems
n
Communications
n
Remote Data Acquisition
n
Imaging
n
Optical Networking
n
Automotive
n
Multiphase Motor Control
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
BIPOLAR
25
25
220pF
UNIPOLAR
INSTRUMENTATION
DIFFERENTIAL INPUTS
NO CONFIGURATION REQUIRED
IN+, IN
DIFFERENTIAL
OVDD
VDD
LTC2321-16
VDD
OGND
GND
1.8V TO 2.5V
232116 TA01a
10µF
3.3V OR 5V
SDO1
0V
0V
0V
0V
REFOUT2
VBYP1
REFOUT1
VBYP2
SDO2
CLKOUT
AIN1–
AIN2–
AIN2+
AIN1+
SCK
CNV
REFINT
CMOS/LVDS
1µF
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1µF
1µF
10µF
10µF
232116 TA01b
FREQUENCY (MHz)
0
1
0.8
0.4
0.2
0.6
0
–20
–40
–60
–80
–100
–120
–140
SNR = 81.0dB
THD = –94.6dB
SINAD = 80.8dB
SFDR = 100.9dB


Similar Part No. - LTC2321-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2321-16 LINER-LTC2321-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LTC2321-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-12 LINER-LTC2321-12_15 Datasheet
995Kb / 26P
   Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
   Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14_15 Datasheet
1Mb / 24P
   Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
   Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com