Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT1151A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT1151A
Description  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT1151A Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT1151A_15 Datasheet HTML 1Page - Diodes Incorporated FZT1151A_15 Datasheet HTML 2Page - Diodes Incorporated FZT1151A_15 Datasheet HTML 3Page - Diodes Incorporated FZT1151A_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR MEDIUM POWER
HIGH GAIN TRANSISTOR
ISSUE 1 - JANUARY 1997
FEATURES
*V
CEO= -40V
*
3 Amp Continuous Current
*
5 Amp Pulse Current
*
Low saturation Voltage
*
High Gain
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-45
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-5
A
Continuous Collector Current
IC
-3
A
Base Current
IB
-500
mA
Power Dissipation at Tamb=25°C †
Ptot
2.5
W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
† The power which can be dissipated assuming the device is mounted in a typical manner on
a P.C.B. with copper equal to 2 inches x 2 inches
FZT1151A
C
C
C
E
B
SOT223


Similar Part No. - FZT1151A_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT1151A KEXIN-FZT1151A_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - FZT1151A_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com