Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD5004S-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBD5004S-7
Description  HIGH VOLTAGE DUAL SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD5004S-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBD5004S-7 Datasheet HTML 1Page - Diodes Incorporated MMBD5004S-7 Datasheet HTML 2Page - Diodes Incorporated MMBD5004S-7 Datasheet HTML 3Page - Diodes Incorporated MMBD5004S-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD5004A/C/S
Document number: DS35585 Rev. 2 - 2
2 of 4
www.diodes.com
April 2012
© Diodes Incorporated
MMBD5004A/C/S
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
350
V
RMS Reverse Voltage
VR(RMS)
247
V
Forward Continuous Current (Note 5)
IF
300
mA
Peak Repetitive Forward Current (Note 5)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
IFSM
5
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) (See figure 1)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
400
V
IR = 150μA
Forward Voltage
VF
0.9
1.05
1.275
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 6)
IR
150
5
nA
μA
VR = 240V
VR = 360V
Total Capacitance
CT
0.65
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
400
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve, Total Package
A
200
100
300
0
500
0
30
60
90
120
150
100
1
10
0.1
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150 C
J
°
T = 1
C
J
25
°
T =
C
J
85
°
T = 25 C
J
°
T =
5 C
J
-5
°


Similar Part No. - MMBD5004S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD5004S-7 DIODES-MMBD5004S-7 Datasheet
89Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD5004S-7 DIODES-MMBD5004S-7 Datasheet
284Kb / 5P
   HIGH VOLTAGE DUAL SWITCHING DIODE
More results

Similar Description - MMBD5004S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD5004S DIODES-MMBD5004S Datasheet
89Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
BAW101V DIODES-BAW101V Datasheet
100Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
BAW101S DIODES-BAW101S Datasheet
97Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
MMBD5004A DIODES-MMBD5004A Datasheet
284Kb / 5P
   HIGH VOLTAGE DUAL SWITCHING DIODE
logo
Yangzhou yangjie electr...
BAV23AQ YANGJIE-BAV23AQ Datasheet
311Kb / 4P
   Dual High-voltage Switching Diode
logo
Diodes Incorporated
BAW101S DIODES-BAW101S_15 Datasheet
97Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G Datasheet
123Kb / 3P
   Dual Series High Voltage Switching Diode
August, 2009 ??Rev. 5
logo
NXP Semiconductors
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
   Dual isolated high-voltage switching diode
9 June 2015
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G_16 Datasheet
99Kb / 3P
   Dual Series High Voltage Switching Diode
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com