Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMB3904LT1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # MMB3904LT1
Description  General Purpose Transistor(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMB3904LT1 Datasheet(HTML) 5 Page - Leshan Radio Company

  MMB3904LT1 Datasheet HTML 1Page - Leshan Radio Company MMB3904LT1 Datasheet HTML 2Page - Leshan Radio Company MMB3904LT1 Datasheet HTML 3Page - Leshan Radio Company MMB3904LT1 Datasheet HTML 4Page - Leshan Radio Company MMB3904LT1 Datasheet HTML 5Page - Leshan Radio Company MMB3904LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
O11–5/6
h PARAMETERS
(V CE = 10 Vdc, f = 1.0 kHz, T A = 25°C)
V CE = 1.0 V
MMBT3904LT1
TYPICAL STATIC CHARACTERISTICS
I C , COLLECTOR CURRENT (mA)
Figure 11. Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 12. Output Admittance
I C , COLLECTOR CURRENT (mA)
Figure 13. Input Impedance
I C , COLLECTOR CURRENT (mA)
Figure 14. Voltage Feedback Ratio
I C , COLLECTOR CURRENT (mA)
Figure 15. DC Current Gain
T J = +125°C
+25°C
–55°C
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
300
200
100
70
50
30
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
100
50
20
10
5
2
1
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
10
5.0
2.0
1.0
0.5
0.2
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
2.0
1.0
0.7
0.5
0.3
0.2
0.1


Similar Part No. - MMB3904LT1

ManufacturerPart #DatasheetDescription
logo
Dc Components
MMB3505 DCCOM-MMB3505 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB3505W DCCOM-MMB3505W Datasheet
264Kb / 2P
   RECTIFIER SPECIALISTS
MMB351 DCCOM-MMB351 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB3510 DCCOM-MMB3510 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB3510W DCCOM-MMB3510W Datasheet
264Kb / 2P
   RECTIFIER SPECIALISTS
More results

Similar Description - MMB3904LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com